Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC671LC3C Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC671LC3C
Description  13 Gbps, XOR / XNOR Gate HMC671LC3C
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC671LC3C Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC671LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC671LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 11
Electrical Specifications, (continued)
HMC671LC3C
v02.1209
13 Gbps, XOR / XNOR Gate
Parameter
Conditions
Min.
Typ.
Max
Units
Output Rise / Fall Time
Differential, 20% - 80%
24 / 22
ps
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter Jr
rms [1]
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [2]
2ps, pp
Propagation Delay, td
60
ps
[1] Upper limit of random jitter, JR, determined by measuring and integrating output phase noise with a sinusodal input at 5, 10, and 13.5 GHz over
temperature
[2] Deterministic jitter calculated by simultaneously measuring the jitter of a 200 mV, 12.5 GHz, 215-1 PRBS input, and a single-ended output
Output High Voltage
vs. Supply Voltage [1] [2]
Output Low Voltage
vs. Supply Voltage [1] [2]
DC Current vs. Supply Voltage [1]
Common Mode
Voltage vs. Supply Voltage [1] [2]
[1] VR = 0.0V
[2] Frequency = 1 GHz
30
40
50
60
70
80
90
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE Vee (V)
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE Vee (V)
-50
-40
-30
-20
-10
0
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE Vee (V)
-800
-700
-600
-500
-400
-300
-200
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
SUPPLY VOLTAGE Vee (V)


Similar Part No. - HMC671LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
   13 Gbps, 1:2 Fanout Buffer
HMC672LC3C HITTITE-HMC672LC3C Datasheet
284Kb / 8P
   14 Gbps, AND / NAND / OR / NOR Gate
HMC673LC3C HITTITE-HMC673LC3C Datasheet
266Kb / 8P
   13 Gbps, D-Type Flip-Flop
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC674LC3C AD-HMC674LC3C Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC671LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C064 HITTITE-HMC-C064 Datasheet
185Kb / 6P
   50 Gbps, XOR / XNOR Module
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC745LC3C HITTITE-HMC745LC3C_11 Datasheet
372Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
logo
Micrel Semiconductor
SY10E107 MICREL-SY10E107_06 Datasheet
61Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
SY10E107 MICREL-SY10E107 Datasheet
70Kb / 4P
   QUINT 2-INPUT XOR/XNOR GATE
logo
Hittite Microwave Corpo...
HMC844LC4B HITTITE-HMC844LC4B Datasheet
819Kb / 8P
   45 Gbps, XOR / XNOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com