Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LC3C Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC674LC3C
Description  10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC674LC3C Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC674LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 8Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 9Page - Hittite Microwave Corporation HMC674LC3C Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 9
1
HMC674LC3C
v08.0811
10 GHz LATCHED COMPARATOR
WITH RSPECL OUTPUT STAGE
the circuit board used in the application should
use rF circuit design techniques. signal lines
should have 50 ohm impedance while the pack-
age ground leads should be connected directly to
the ground plane similar to that shown. a sufficient
number of via holes should be used to connect the
top and bottom ground planes in order to provide
good rF grounding to 10 GHz. the evaluation
circuit board shown is available from Hittite upon
request.
Application Circuit
Item
Description
J1
8 pos. Vertical tIN
J2 - J7
2.92 mm 40 GHz Jack
J8
terminal strip, single row 3 pin smt
Jp1, Jp2
2 pos. Vertical tIN
c1 - c3, c5, c6,
c8 - c10
100 pF capacitor, 0402 pkg.
c4, c7, c11
330 pF capacitor, 0402 pkg.
c11 - c13
4.7 uF tantalum
tp1 - tp4
Dc pin, swage mount
U1
Hmc674Lc3c comparator
pcB
125929 Evaluation pcB
[1] reference this number when ordering complete evaluation pcB
[2] circuit Board material: rogers 4350 or arlon 25Fr
List of Materials for Evaluation PCB 125932 [1]


Similar Part No. - HMC674LC3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC674LC3C AD-HMC674LC3C Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LC3CTR AD-HMC674LC3CTR Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LC3CTR-R5 AD-HMC674LC3CTR-R5 Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC674LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com