Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC674LP3E
Description  10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC674LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC674LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC674LP3E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
1 - 2
HMC674LP3E
v01.0811
10 GHz LATCHED COMPARATOR
WITH RSPECL OUTPUT STAGE
Latch Enable Characteristics
parameter
conditions
min.
typ.
max
Units
Latch Enable Input Impedance
Each pin
8
Latch to output Delay, tpLoL, tpLoH
VoD = 200 mV
85
ps
Latch minimum pulse Width, tpL
VoD = 200 mV
20
ps
Latch Enable Input range
VoD = 200 mV
1.6
2.4
V
Latch setup time, ts
VoD = 200 mV
45
ps
Latch Hold time, tH
-42
ps
DC Output Characteristics, with 50 Ω to Vcco - 2 V
parameter
conditions
min.
typ.
max
Units
output Voltage High Level, Voh
2.33
2.39
2.44
V
output Voltage Low Level, Vol
1.95
2.01
2.11
V
output Voltage Differential swing
380
380
330
mV
AC Performance
parameter
conditions
min.
typ.
max
Units
propagation Delay - tpD, tpDL, tpDH
VoD = 500 mV
80
85
110
ps
propagation Delay, temperature coefficient
0.45
ps / °c
propagation Delay skew
(rising to Falling transition)
VoD - 500 mV
10
ps
VoD Dispersion
50 mV < VoD < 1V
10
ps
tpD vs. common mode Dispersion,
-1.75 V <Vcm <1.75 V
VoD = 500 mV
8
ps
Noise (rtI)
5.9
nV/√(Hz) rtI
Equivalent Input Bandwidth [1]
8.6
9.3
12
GHz
Deterministic Jitter (pp)
Deterministic Jitter at 10 Gbps
with ±100 mV overdrive
2
ps
random Jitter (rms)
random Jitter at 10 Gbps
with ±100 mV overdrive
0.2
ps rms
Input signal minimum pulse Width
Vcm = 0; ±100 mV overdrive
60
ps
Q / QB rise time
From 20% to 80%
24
ps
Q / QB Fall time
From 20% to 80%
15
ps
Power Supply Requirements
parameter
conditions
min.
typ.
max
Units
Input supply current, Icci
9
ma
output supply current, Icco
45
ma
Vee current, lee
19
ma
power Dissipation, pd
140
mW
psrr, Vcci
38
dB
psrr, Vee
38
dB
Note 1: Equivalent Input Bandwidth is calculated with the following formula: Bweq=0.22/√ (trcomp2-trIN2) where trIN is the 20%/80%
transition time of a quasi-Gaussian signal applied to the comparator input, and trcomp is the effective transition time digitized by the
comparator.


Similar Part No. - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC674LP3E AD-HMC674LP3E Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
HMC674LP3ETR AD-HMC674LP3ETR Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
   10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com