Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC681LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC681LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER w/ SERIAL CONTROL, DC - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC681LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC681LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC681LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC681LP5 / 681LP5E
v03.1010
Functional Diagram
Electrical Specifications, T
A = +25° C, Vdd = Vs= P/S= +5V
the HmC681lp5(e) is ideal for:
• if & rf applications
• Cellular/3g infrastructure
• Wibro / WimaX / 4g
• microwave radio & Vsat
• test equipment and sensors
+13.5 db to +45 db gain Control in 0.5 db steps
High Output ip3: +36 dbm
±0.25 db typical gain step error
single +5V supply
32 lead 5x5mm smt package: 25mm2
the HmC681lp5(e) is a digitally controlled variable
gain amplifier which operates from dC to 1 gHz,
and can be programmed to provide anywhere from
13.5 db, to 45 db of gain, in 0.5 db steps. the
HmC681lp5(e) delivers noise figure of 2.8 db in its
maximum gain state, with output ip3 of up to +36
dbm in any state. this serially controlled digital Vga
incorporates off chip aC ground capacitors for near
dC operation, making it suitable for a wide variety of
rf and if applications. the HmC681lp5(e) is housed
in a roHs compliant 5x5 mm Qfn leadless package,
and provides the user with a highly integrated solution.
this functionality is also available with parallel control
as the HmC626lp5(e).
parameter
min.
typ.
max.
min.
typ.
max.
Units
50 - 350
350 - 1000
mHz
gain (maximum gain state)
40
45
30
40
db
gain Control range
31.5
31.5
db
input return loss
25
30
db
Output return loss
20
17
db
gain setting accuracy:
(referenced to maximum gain state)
all gain states
± (0.15 + 3% of relative gain setting) max. ± (0.15 + 3% of relative gain setting) max.
db
Output power for 1 db Compression
20
19
dbm
Output third Order intercept point
(two-tone Output power= 5 dbm each tone)
38
36
dbm
noise figure
2.7
2.8
db
switching Characteristics
trise, tfall (10/90% rf)
tOn, tOff (50% Ctl to 10/90% rf)
60
120
60
120
ns
ns
total supply Current
176
225
176
225
ma
Typical Applications
Features
General Description
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN
AMPLIFIER w/ SERIAL CONTROL, DC - 1 GHz


Similar Part No. - HMC681LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC681ALP5E AD-HMC681ALP5E Datasheet
811Kb / 11P
   Test Equipment and Sensors
More results

Similar Description - HMC681LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com