Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC683LP6CE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC683LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC683LP6CE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC683LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC683LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
9 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC683LP6C / 683LP6CE
v02.0808
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
item
Description
J1 - J6
PcB mount smA connector
J7 - J10
2mm vertical molex 8pc connector
L1, L2
51 nH inductor, 0603 Pkg.
L3 - L6
390 nH inductor, 0603 Pkg.
L7, L8
5.1 nH inductor, 0402 Pkg.
L9, L10
3.6 nH inductor, 0402 Pkg.
c7, c8, c26, c38
22 pF capacitor, 0402 Pkg.
c9, c10
10 nF capacitor, 0603 Pkg.
c11, c17, c19, c24, c27, c29,
c34, c37, c40, c48, c50
1 nF capacitor, 0402 Pkg.
c12, c15, c16, c18, c20,
c25, c28, c30, c35, c36,
c39, c47, c49
0.1 µF capacitor, 0603 Pkg.
c13, c14, c60 - c63
100 pF capacitor, 0402 Pkg.
c21, c22, c32, c33
0.01 µF capacitor, 0402 Pkg.
c51 - c59
0.47 µF capacitor, 0603 Pkg.
r7, r8
330 ohm resistor, 0603 Pkg.
t1, t2
1:1 transformer - tyco etc1-it
U1
Hmc683LP6c(e)
PcB [2]
118274 evaluation PcB
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board material: Arlon-25Fr adn Fr4
List of Materials for Evaluation PCB 119926 [1]


Similar Part No. - HMC683LP6CE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC6832 AD-HMC6832 Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
HMC6832ALP5LE AD-HMC6832ALP5LE Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
HMC6832ALP5LETR AD-HMC6832ALP5LETR Datasheet
924Kb / 23P
   Low Noise, 2:8 Differential Fanout Buffer
More results

Similar Description - HMC683LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
   0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
   BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com