Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

687LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 687LP4E
Description  BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

687LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button 687LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 9Page - Hittite Microwave Corporation 687LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 6
Harmonics of LO
MxN Spurious @ IF Port
nLO
mrF
0
1
2
3
4
0
xx
20
27
54
28
1
43
0
39
31
57
2
64
60
59
68
87
3
110
81
102
77
96
4
115
129
115
115
112
rF Freq. = 1.9 GHz @ 0 dBm
LO Freq. = 2.1 GHz @ 0 dBm
All values in dBc below iF power level (-1rF + 1LO).
nLO spur @ rF Port
LO Freq. (GHz)
1
2
3
4
1.6
37
25
46
42
1.7
35
24
44
41
1.8
33
23
43
42
1.9
30
22
36
36
2.0
29
23
40
28
2.1
29
24
44
27
2.2
32
24
42
31
2.3
34
24
42
38
LO = 0 dBm
All values in dBc below input LO level measured at rF port.
Typical Supply Current vs. Vcc
Vcc1, 2, 3 (V)
icc total (mA)
4.75
113
5.00
120
5.25
127
Downconverter will operate over full voltage range shown above.
Absolute Maximum Ratings
rF / iF input (Vcc1, 2, 3 = +5V)
+23 dBm
LO Drive (Vcc1, 2, 3 = +5V)
+10 dBm
Vcc1,2,3
+5.5V
Channel Temperature
125 °C
Continuous Pdiss (T = 85°C)
(derate 20.69 mW/°C above 85°C)
0.83 mW
Thermal resistance
(channel to ground paddle)
48.33 °C/W
storage Temperature
-65 to 150 °C
Operating Temperature
-40 to +85 °C
eLeCTrOsTATiC seNsiTiVe DeViCe
OBserVe HANDLiNG PreCAUTiONs
[1] Two-tone input power = +9 dBm each tone, 1 MHz spacing.
HMC687LP4 / 687LP4E
v04.0509
BiCMOS MMIC MIXER W/ INTEGRATED
LO AMPLIFIER, 1.7 - 2.2 GHz


Similar Part No. - 687LP4E

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
399Kb / 6P
   Standard 2000 hrs
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
394Kb / 6P
   Multiple case sizes - High voltage ??High Current
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
551Kb / 6P
   Multiple Case Sizes - High Voltage ??High Current
687LBA100M2AC ILLINOISCAPACITOR-687LBA100M2AC Datasheet
128Kb / 1P
   SNAP-IN / SNAP MOUNT
687LBA100M2BC ILLINOISCAPACITOR-687LBA100M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 687LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC687LP4 HITTITE-HMC687LP4 Datasheet
367Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4_10 Datasheet
743Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC685LP4 HITTITE-HMC685LP4 Datasheet
371Kb / 10P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC785LP4E HITTITE-HMC785LP4E Datasheet
499Kb / 12P
   BiCMOS MIXER W/ INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC688LP4 HITTITE-HMC688LP4 Datasheet
870Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC689LP4 HITTITE-HMC689LP4 Datasheet
302Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC666LP4 HITTITE-HMC666LP4 Datasheet
850Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 3.1 - 3.9 GHz
HMC689LP4 HITTITE-HMC689LP4_10 Datasheet
868Kb / 8P
   BiCMOS MMIC MIXER W/ INTEGRATED LO AMPLIFIER, 2.0 - 2.7 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com