Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

697LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 697LP4E
Description  SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

697LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  697LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 697LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 78
HMC697LP4 / 697LP4E
v01.0309
SiGe WIDEBAND DIRECT QUADRATURE
MODULATOR, 200 - 4000 MHz
Wideband Performance vs. Frequency
Output IP3, P1dB & Noise Floor
@ 20 MHz Offset vs. Frequency
Return Loss vs. Frequency
Sideband Suppression vs. Frequency
Uncalibrated Carrier Feedthrough [1]
vs. Frequency Over Temperature
Calibrated Carrier Feedthrough [1]
vs. Frequency Over Temperature
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
+25C
+85C
-40C
FREQUENCY (MHz)
-35
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
3500
4000
LO
RF
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
+25C
+85C
-40C
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
3500
4000
+25C
+85C
-40C
FREQUENCY (MHz)
-30
-20
-10
0
10
20
30
+25C
+85C
-40C
-180
-170
-160
-150
-140
-130
-120
0
500
1000
1500
2000
2500
3000
3500
4000
FREQUENCY (MHz)
NOISE FLOOR
OUTPUT P1dB
OUTPUT IP3
SET-UP NOISE FLOOR
-10
-5
0
5
10
0
500
1000
1500
2000
2500
3000
3500
4000
+25C
+85C
-40C
FREQUENCY (MHz)
[1] See note titled “Calibrated vs. Uncalibrated test results” herein.


Similar Part No. - 697LP4E

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
697 MICROSEMI-697 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
697-1 MICROSEMI-697-1 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
697-2 MICROSEMI-697-2 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
697-3 MICROSEMI-697-3 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
697-4 MICROSEMI-697-4 Datasheet
79Kb / 2P
   RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 7.5 AMP, STANDARD AND FAST RECOVERY
More results

Similar Description - 697LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
logo
Stanford Microdevices
STQ-3016 STANFORD-STQ-3016 Datasheet
222Kb / 8P
   2500 - 4000 MHz Direct Quadrature Modulator
logo
Hittite Microwave Corpo...
HMC795LP5E HITTITE-HMC795LP5E Datasheet
1Mb / 30P
   SiGe Wideband Direct Quadrature Modulator w/ vga, 50 - 2800 MHz
logo
Analog Devices
HMC1097LP4E AD-HMC1097LP4E Datasheet
1Mb / 15P
   WIDEBAND DIRECT QUADRATURE MODULATOR, 100 - 6000 MHz
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com