Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1008D750 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # DAC1008D750
Description  Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DAC1008D750 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button DAC1008D750_11 Datasheet HTML 3Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 4Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 5Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 6Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 7Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 8Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 9Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 10Page - NXP Semiconductors DAC1008D750_11 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 99 page
background image
DAC1008D750
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 5 January 2011
7 of 99
NXP Semiconductors
DAC1008D750
2
×, 4× or 8× interpolating DAC with JESD204A
9.
Characteristics
Table 5.
Characteristics
VDDA(1V8) =VDDD = 1.7 V to 1.9 V; VDDA(3V3) = 3.13 V to 3.47 V; AGND and GND are shorted together; Tamb =
40 °C to
+85
°C; typical values measured at VDDA(1V8) =VDDD =1.8 V; VDDA(3V3) =3.3 V; Tamb =+25 °C; RL =50 Ω; IO(fs) =20mA;
maximum sample rate; PLL off unless otherwise specified.
Symbol
Parameter
Conditions
Test[1]
Min
Typ
Max
Unit
VDDA(3V3)
analog supply voltage
(3.3 V)
I
3.13
3.3
3.47
V
VDDD(1V8)
digital supply voltage
(1.8 V)
I
1.7
1.8
1.9
V
VDDA(1V8)
analog supply voltage
(1.8 V)
I
1.7
1.8
1.9
V
IDDA(3V3)
analog supply current
(3.3 V)
fo =19MHz; fs = 740 Msps;
4
× interpolation; NCO on
I-
41
-
mA
IDDD(1V8)
digital supply current,
(1.8 V)
fo =19MHz; fs = 740 Msps;
4
× interpolation; NCO on
I
-
356
-
mA
IDDA(1V8)
analog supply current,
(1.8 V)
fo =19MHz; fs = 740 Msps;
4
× interpolation; NCO on
I
-
421
-
mA
ΔIDDD
digital supply current
difference
x/sin x function on;
fs = 740 Msps
I-
54
-
mA
Ptot
total power dissipation fs = 740 Msps;
4× interpolation; NCO off;
DAC Q off
C
-
0.80
-
W
fs = 740 Msps;
4
× interpolation; NCO off
C
-
1.26
-
W
fs = 740 Msps;
4
× interpolation; NCO on
C
-
1.50
-
W
fs =625 Msps;
2
× interpolation; NCO off
C
-
1.29
-
W
fs =625 Msps;
2
× interpolation; NCO on
C
-
1.46
-
W
Power-down mode;
fo =19MHz; fs =740 Msps;
4
× interpolation; NCO on
complete device;
Power-down mode
I
-
0.04
-
W
DAC A and DAC B;
Power-down mode
I
-
0.60
-
W
DAC A and DAC B;
Sleep mode
I
-
0.80
-
W
Timing specifications
td(startup)
start-up delay time
from full Power-down mode
-
20
-
ms
td(restart)
restart delay time
from Sleep mode
-
300
-
ns
tlock
lock time
maximum input rate
[2]
-11
-
μs


Similar Part No. - DAC1008D750_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750HN NXP-DAC1008D750HN Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
logo
Renesas Technology Corp
DAC1008D750HN RENESAS-DAC1008D750HN Datasheet
632Kb / 97P
   Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results

Similar Description - DAC1008D750_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
   Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1208D750 NXP-DAC1208D750 Datasheet
571Kb / 98P
   Dual 12-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-6 December 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
   Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1008D650 NXP-DAC1008D650 Datasheet
2Mb / 98P
   Dual 10-bit DAC up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 1-1 October 2010
DAC1008D650_1012 NXP-DAC1008D650_1012 Datasheet
568Kb / 98P
   Dual 10-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-17 December 2010
DAC1405D750 NXP-DAC1405D750 Datasheet
324Kb / 43P
   Dual 14-bit DAC, up to 750 Msps; 4횞 and 8횞 interpolating
Rev. 01-10 March 2010
DAC1208D650 NXP-DAC1208D650 Datasheet
573Kb / 98P
   Dual 12-bit DAC; up to 650 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-14 December 2010
logo
Analog Devices
AD9773 AD-AD9773 Datasheet
218Kb / 19P
   12-Bit, 160 MSPS 2횞/4횞/8횞 Interpolating Dual TxDAC D/A Converter
REV. PrA
AD9775BSVZ AD-AD9775BSVZ Datasheet
1Mb / 56P
   14-Bit, 160 MSPS, 2횞/4횞/8횞 Interpolating Dual TxDAC짰 Digital-to-Analog Converter
Rev. E
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com