Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC698LP5E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC698LP5E
Description  7 GHz INTEGER N SYNTHESIZER (N = 12 - 259)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC698LP5E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC698LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC698LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 5
Outline Drawing
Part Number
Package Body Material
Lead Finish
MsL Rating
Package Marking [3]
hMC698LP5
Low stress Injection Molded Plastic
sn/Pb solder
MsL1
[1]
h698
XXXX
hMC698LP5(E)
Rohs-compliant Low stress Injection Molded Plastic
100% matte sn
MsL1
[2]
h698
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
NOTEs:
1. LEADFRAME MATERIAL: COPPER ALLOy
2. DIMENsIONs ARE IN INChEs [MILLIMETERs].
3. LEAD sPACING TOLERANCE Is NON-CUMULATIVE
4. PAD BURR LENGTh shALL BE 0.15mm MAXIMUM.
PAD BURR hEIGhT shALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP shALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADs AND GROUND PADDLE MUsT
BE sOLDERED TO PCB RF GROUND.
7. REFER TO hITTITE APPLICATION NOTE FOR sUGGEsTED
PCB LAND PATTERN.
HMC698LP5 / 698LP5E
v03.0709
7 GHz INTEGER N SYNTHESIZER
(N = 12 - 259)


Similar Part No. - HMC698LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC698LP5E HITTITE-HMC698LP5E Datasheet
699Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
More results

Similar Description - HMC698LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC699LP5 AD-HMC699LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC698LP5 AD-HMC698LP5 Datasheet
995Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC698LP5 HITTITE-HMC698LP5 Datasheet
699Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
HMC699LP5 HITTITE-HMC699LP5 Datasheet
697Kb / 12P
   7 GHz INTEGER N SYNTHESIZER
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC4069LP4E AD-HMC4069LP4E Datasheet
1Mb / 12P
   2.9 GHz INTEGER-N SYNTHESIZER
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
   26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
logo
Hittite Microwave Corpo...
HMC699LP5 HITTITE-HMC699LP5_10 Datasheet
1,010Kb / 12P
   7 GHz INTEGER N SYNTHESIZER CONTINUOUS (N = 56 - 519), NON-CONTINUOUS (N = 16 - 54)
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com