Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2900364 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2900364
Description  PLC-OPIT- 24DC/ 24DC/2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2900364 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2900364 Datasheet HTML 1Page - PHOENIX CONTACT 2900364 Datasheet HTML 2Page - PHOENIX CONTACT 2900364 Datasheet HTML 3Page - PHOENIX CONTACT 2900364 Datasheet HTML 4Page - PHOENIX CONTACT 2900364 Datasheet HTML 5Page - PHOENIX CONTACT 2900364 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PLC-OPIT- 24DC/ 24DC/2 Order No.: 2900364
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2900364
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Aug 24, 2011
Bridges
2966812
FBST 6-PLC BU
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: blue
2966825
FBST 6-PLC GY
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: gray
2966236
FBST 6-PLC RD
Single plug-in bridge, Length: 6 mm, Number of positions: 2,
Color: red
2967688
FBST 8-PLC GY
Single plug-in bridge, Length: 8 mm, Number of positions: 2,
Color: gray
2966692
FBST 500-PLC BU
Continuous plug-in bridge, Length: 500 mm, Color: blue
2966838
FBST 500-PLC GY
Continuous plug-in bridge, Length: 500 mm, Color: gray
2966786
FBST 500-PLC RD
Continuous plug-in bridge, Length: 500 mm, Color: red
General
2966595
OPT-24DC/ 24DC/ 2
Pluggable miniature optocouplers, power optocouplers, input: 24
V DC, output: 3-33 V DC/3 A
2900445
PLC-BPIT- 24DC/21
6.2 mm PLC basic terminal blocks with Push-In connection
method, input voltage of 24 V DC (without relay or optocoupler)
2966508
PLC-ESK GY
Power terminal block, for the input of up to four potentials, for
mounting on NS 35/7.5
2296061
PLC-V8/D15B/OUT
V8-OUTPUT adapter for eight 6.2 mm PLC interfaces (1 PDT,
etc./see "Additional Products"). 15-pin D-SUB female connector,
control logic: Positive switching
2296058
PLC-V8/D15S/OUT
V8-OUTPUT adapter for eight 6.2 mm PLC interfaces (1 PDT,
etc./see "Additional Products"). 15-pin D-SUB male connector,
control logic: Positive switching
2295554
PLC-V8/FLK14/OUT
V8-OUTPUT adapter for eight 6.2 mm PLC interfaces (1 PDT,
etc./see "Supplementary Products"). 14-pos. flat-ribbon cable
connection for the PLC system cabling, control logic: Plus
switching
2304102
PLC-V8/FLK14/OUT/M
V8-OUTPUT adapter for eight 6.2 mm PLC interfaces (1 PDT,
etc./see "Supplementary Products"). 14-pos. flat-ribbon cable
connection for the PLC system cabling, control logic: Minus
switching
Marking
1051016
ZB 6,LGS:FORTL.ZAHLEN
Zack marker strip, 10-section, printed horizontally: with the
numbers 1 - 10, 11 - 20 and so on up to 491 - 500, color: white
1051003
ZB 6:UNBEDRUCKT
Zack strip, unprinted, strips with 10 labels for individual labeling
with M-PEN or CMS system, for terminal block width: 6.2 mm,
color: white


Similar Part No. - 2900364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900361 PHOENIX-2900361 Datasheet
79Kb / 5P
   Solid-state relay module - PLC-OPT-230UC/ 48DC/100/SEN
2900362 PHOENIX-2900362 Datasheet
80Kb / 5P
   Solid-state relay module - PLC-PT-EIK 1-SVN 24M
2900363 PHOENIX-2900363 Datasheet
79Kb / 5P
   Solid-state relay module - PLC-OPT- 24DC/TTL
2900365 PHOENIX-2900365 Datasheet
436Kb / 14P
   Solid-state relay module - PLC-OPT- 48DC/ 24DC/2
2900366 PHOENIX-2900366 Datasheet
436Kb / 14P
   Solid-state relay module - PLC-OPT- 60DC/ 24DC/2
More results

Similar Description - 2900364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900376 PHOENIX-2900376 Datasheet
149Kb / 6P
   PLC-OPIT- 24DC/ 24DC/2/ACT
2900375 PHOENIX-2900375 Datasheet
138Kb / 5P
   PLC-OPIT- 5DC/ 24DC/2/ACT
2900358 PHOENIX-2900358 Datasheet
145Kb / 6P
   PLC-OPIT- 24DC/ 48DC/100/SEN
5603260 PHOENIX-5603260 Datasheet
454Kb / 13P
   Optocoupler - PLC-OSC- 24DC/ 24DC/ 2/C1D2
10/27/2021
2966634 PHOENIX-2966634 Datasheet
88Kb / 5P
   Solid-state relay module - PLC-OSC- 24DC/ 24DC/ 2
2966676 PHOENIX-2966676 Datasheet
89Kb / 5P
   Solid-state relay module - PLC-OSC- 24DC/ 24DC/ 2/ACT
2967219 PHOENIX-2967219 Datasheet
120Kb / 3P
   PLC-BSP- 24DC/21
2966595 PHOENIX-2966595 Datasheet
141Kb / 5P
   OPT-24DC/ 24DC/ 2
5603262 PHOENIX-5603262 Datasheet
78Kb / 4P
   Optocoupler - PLC-OSC-120UC/ 24DC/ 2/C1D2
2902964 PHOENIX-2902964 Datasheet
399Kb / 10P
   Solid-state relay module - PLC-OSC- 24DC/ 24DC/100KHZ
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com