Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

705LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 705LP4E
Description  6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

705LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  705LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 8Page - Hittite Microwave Corporation 705LP4E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 3
HMC705LP4 / 705LP4E
v03.0709
6.5 GHz PROGRAMMABLE
DIVIDER (N = 1 - 17)
SSB Phase Noise Performance
Fin = 6 GHz, N = 2; T = -40°C, +25°C, +85°C
SSB Phase Noise Performance
Fin = 6 GHz, N = 17; T = -40°C, +25°C, +85°C
SSB Phase Noise Performance
Fin = 6 GHz, N = 2; Vcc = 4.75V, 5V, 5.25V
SSB Phase Noise Performance
Fin = 6 GHz, N = 17; Vcc = 4.75V, 5V, 5.25V
2nd Harmonic, N = 1 through 5
2nd Harmonic, N = 6 through 17
-160
-150
-140
-130
-120
-110
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
0
1
2
3
4
5
6
7
INPUT FREQUENCY (GHz)
N=2
N=1
N=3
N=4
N=5
-160
-150
-140
-130
-120
-110
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-160
-150
-140
-130
-120
-110
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-40C
-160
-150
-140
-130
-120
-110
10
2
10
3
10
4
10
5
10
6
10
7
OFFSET FREQUENCY (Hz)
-40C


Similar Part No. - 705LP4E

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
705 ZETEX-705 Datasheet
141Kb / 5P
   120V PNP SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
logo
List of Unclassifed Man...
705 ETC2-705 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
Qualtek Electronics Cor...
705-00-00 QUALTEK-705-00-00 Datasheet
299Kb / 1P
   REWIRABLE PLUG ASSEMBLY
logo
Molex Electronics Ltd.
705-51-0007 MOLEX8-705-51-0007 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 8 Circuits, Tin (Sn) Plating
705-51-0010 MOLEX8-705-51-0010 Datasheet
310Kb / 4P
   2.54mm (.100") Pitch SL??Header, Single Row, Right Angle, .120" Pocket, Shrouded, with Beveled Plastic Peg, 11 Circuits, Tin (Sn) Plating
More results

Similar Description - 705LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
   13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
   2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC905LP3E HITTITE-HMC905LP3E Datasheet
746Kb / 10P
   6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
   2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
   0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
   40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
   0.1 GHz to 24 GHz, Low Noise, Programmable Divider
logo
STMicroelectronics
HCC4522B STMICROELECTRONICS-HCC4522B Datasheet
202Kb / 6P
   PROGRAMMABLE BCD DIVIDER-BY-N COUNTER
logo
Analog Devices
HMC988LP3E AD-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY DC - 4 GHz
logo
Mitsubishi Electric Sem...
M58478P MITSUBISHI-M58478P Datasheet
160Kb / 4P
   17-STATE OSCILLATOR / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com