Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

708LP5E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 708LP5E
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

708LP5E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button 708LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 8Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 9Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 10Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 11Page - Hittite Microwave Corporation 708LP5E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
12 - 8
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Absolute Maximum Ratings
eleCtrOstatiC sensitiVe deViCe
ObserVe Handling preCaUtiOns
Absolute Bias Resistor Range & Recommended Bias Resistor Values for Idd
Vdd
rbias Ω
total idd (ma)
min.
max.
recommended
3V
1K [1]
Open Circuit
2.2k
195
4.7k
201
10k
206
5V
0
Open Circuit
0
231
120
243
270
252
[1] Operation with Vdd= 3V and rbias < 1K Ohm may result in the part becoming conditionally stable which is not recommended.
Typical Supply Current vs. Vdd (Rbias =
270Ω for Vdd= 5V, Rbias= 10kΩ for Vdd= 3V)
Vdd (V)
total idd (ma)
2.7
191
3.0
206
3.3
220
4.5
230
5.0
252
5.5
271
Note: Amplifier will operate over full voltage ranges shown above.
drain bias Voltage (Vdd)
5.5 V
rf input power (rfin)
(Vdd = +5 Vdc)
-5 dbm + attenuation state
(do not exceed +10 dbm)
Channel temperature
150 °C
digital inputs (reset, shift Clock,
latch enable, serial input)
-0.5 to Vdd +0.5V
Continuous pdiss (t= 85 °C)
(derate 28 mW/°C above 85 °C)
1.8 W
thermal resistance
(channel to ground paddle)
36.2 °C/W
storage temperature
-65 to +150 °C
Operating temperature
-40 to +85 °C
HMC708LP5 / 708LP5E
v03.0409
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz


Similar Part No. - 708LP5E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
708 VISHAY-708 Datasheet
342Kb / 4P
   (22.2 mm) Single Turn Conductive Plastic Precision Potentiometer
01-Jan-2022
logo
Enercon Technologies Eu...
708 ENERCON-708 Datasheet
741Kb / 2P
   Compact, Portable IP67 Military Fast Ethernet Switch
logo
Qualtek Electronics Cor...
708-15-63 QUALTEK-708-15-63 Datasheet
300Kb / 1P
   AC RECEPTACLE
708-15/63 QUALTEK-708-15/63 Datasheet
300Kb / 1P
   AC RECEPTACLE
logo
Applied Motion Products...
7080 AMP-7080 Datasheet
74Kb / 4P
   7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
More results

Similar Description - 708LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com