Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC708LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC708LP5E
Description  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC708LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC708LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC708LP5E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC708LP5 / 708LP5E
v03.0409
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
PUP Truth Table
parameter
typ.
min. serial period, t
sCK
100 ns
Control set-up time, t
Cs
20 ns
Control hold-time, t
CH
20 ns
le setup-time, t
ln
10 ns
min. le pulse width, t
leW
10 ns
min le pulse spacing, t
les
630 ns
serial clock hold-time from le, t
CKn
10 ns
Hold time, t
pH.
0 ns
latch enable minimum Width, t
len
10 ns
setup time, t
ps
2 ns
Truth Table
Parallel Mode (Direct Parallel Mode & Latched Parallel Mode)
Note: the parallel mode is enabled when p/s is set to low.
Direct Parallel Mode - the attenuation state is changed by the Control Voltage inputs directly. the le (latch enable)
must be at a logic high to control the attenuator in this manner.
Latched Parallel Mode - the attenuation state is selected using the Control Voltage inputs and set while the le is in
the low state. the attenuator will not change state while le is low. Once all Control Voltage inputs are at the desired
states the le is pulsed. see timing diagram above for reference.
Timing Diagram (Latched Parallel Mode)
Power-Up States
le
pUp1
pUp2
gain relative to maximum
gain
0
0
0
-31.5
0
1
0
-24
0
0
1
-16
0
1
1
insertion loss
1
X
X
0 to -31.5 db
note: the logic state of d0 - d5 determines the
power-up state per truth table shown below when le
is high at power-up.
Control Voltage input
gain
relative to
maximum
gain
d5
d4
d3
d2
d1
d0
High
High
High
High
High
High
0 db
High
High
High
High
High
low
-0.5 db
High
High
High
High
low
High
-1 db
High
High
High
low
High
High
-2 db
High
High
low
High
High
High
-4 db
High
low
High
High
High
High
-8 db
low
High
High
High
High
High
-16 db
low
low
low
low
low
low
-31.5 db
any combination of the above states will provide a reduction in
gain approximately equal to the sum of the bits selected.
if le is set to logic lOW at power-up, the logic state of
pUp1 and pUp2 determines the power-up state of the
part per pUp truth table. if the le is set to logic HigH
at power-up, the logic state of d0-d5 determines the
power-up state of the part per truth table. the dVga
latches in the desired power-up state approximately
200 ms after power-up.
Power-On Sequence
the ideal power-up sequence is: gnd, Vdd, digital
inputs, rf inputs. the relative order of the digital
inputs are not important as long as they are powered
after Vdd / gnd
Control Voltage Table
state
Vdd = +3V
Vdd = +5V
low
0 to 0.5V @ <1 µa
0 to 0.8V @ <1 µa
High
2 to 3V @ <1 µa
2 to 5V @ <1 µa


Similar Part No. - HMC708LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5E HITTITE-HMC708LP5E Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
More results

Similar Description - HMC708LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC708LP5 HITTITE-HMC708LP5 Datasheet
605Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 1700 - 2200 MHz
HMC707LP5 HITTITE-HMC707LP5_10 Datasheet
989Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
HMC926LP5E HITTITE-HMC926LP5E Datasheet
1Mb / 18P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 2700 MHz
HMC707LP5 HITTITE-HMC707LP5 Datasheet
585Kb / 12P
   0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com