Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC713MS8 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC713MS8
Description  54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC713MS8 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC713MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 6Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 7Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 8Page - Hittite Microwave Corporation HMC713MS8 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
11
11 - 2
Electrical Specifications, (continued)
HMC713MS8 / 713MS8E
v05.1009
54 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 100 - 2700 MHz
Parameter
conditions
Min.
typ.
Max.
Units
Power Down (EN) Interface
Voltage range for Normal Mode
0.8 x Vcc
V
Voltage range for Powerdown Mode
0.2 x Vcc
V
threshold Voltage
Vcc/2
V
Power Supply (Vcc)
operating Voltage range
2.7 - 5.5
V
supply current in Normal Mode
17
mA
supply current in Power Down Mode
0.3
mA
OUT Interface
rise time
cLPF= 0, No Power to -10 dBm, 10% - 90%
24
ns
Fall time
cLPF= 0, -10 dBm to No Power, 90% - 10%
70
ns
output Video Bw
3 dB reduction in
demodulated output voltage
16
MHz
Voltage range
closed Loop (eval Board setup)
0.2 - 1.2
V
Voltage range
open Loop
0.1 to (Vcc
-0.1)
V
current Drive source / sink
3.5 / 0.51
mA
OUTN Interface
current Drive source / sink
3.6 / 0.47
mA
OUTN Interface
output Voltage range
0.2 - 2.1
V
RF Input
Input return Loss (s11)
F= 50 MHz to 2.5 GHz
Z0= 50Ω, see plot
10
dB
VSET Interface
Input Impedance
1
Input Voltage range
eval Board
0.2 - 1.2
V
Low Frequency Gain
Vset to oUt
64
dB
open Loop corner Frequency
11
kHz


Similar Part No. - HMC713MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
   LOGARITHMIC DETECTOR / CONTROLLER
logo
Hittite Microwave Corpo...
HMC713MS8E HITTITE-HMC713MS8E Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8E HITTITE-HMC713MS8E Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
More results

Similar Description - HMC713MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713LP3E HITTITE-HMC713LP3E_10 Datasheet
956Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3E HITTITE-HMC713LP3E Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC713LP3 HITTITE-HMC713LP3_09 Datasheet
566Kb / 12P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 50 - 8000 MHz
HMC948LP3E HITTITE-HMC948LP3E Datasheet
864Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 1 - 23 GHz
HMC662LP3 HITTITE-HMC662LP3_09 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E_10 Datasheet
777Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC662LP3E HITTITE-HMC662LP3E Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
   60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com