Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC723LP3E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC723LP3E
Description  13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC723LP3E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC723LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC723LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 7
Evaluation PCB
HMC723LP3E
v00.0210
13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
w/ PROGRAMMABLE OUTPUT VOLTAGE
List of Materials for Evaluation PCB 118777 [1]
Item
Description
J1 - J6
PCB Mount SMA RF Connectors
J7 - J9
DC Pin
C1, C2
100 pF Capacitor, 0402 Pkg.
C3, C4
4.7 µF Capacitor, Tantalum
R1
10 Ohm Resistor, 0603 Pkg.
U1
HMC723LP3E
High Speed Logic, D-Type Flip-Flop
PCB [2]
118775 Evaluation Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350 or Arlon 25FR
Item
Description
J1
DN
J2
DP
J3
CP
J4
CN
J5
QN
J6
QP
J7
Vee
J8
VR
J9
GND
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package gro-
und leads should be connected directly to the
ground plane similar to that shown. The exposed
package base should be connected to Vee. A suffi-
cient number of via holes should be used to connect
the top and bottom ground planes. The evaluation
circuit board shown is available from Hittite upon
request.


Similar Part No. - HMC723LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Analog Devices
HMC723LC3C AD-HMC723LC3C Datasheet
555Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
More results

Similar Description - HMC723LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
Analog Devices
HMC723LC3C AD-HMC723LC3C Datasheet
555Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC727LC3C HITTITE-HMC727LC3C Datasheet
618Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
HMC853LC3C HITTITE-HMC853LC3C_09 Datasheet
289Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC841LC4B HITTITE-HMC841LC4B Datasheet
1Mb / 8P
   43 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC722LP3E HITTITE-HMC722LP3E Datasheet
693Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC722LC3C HITTITE-HMC722LC3C Datasheet
660Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com