Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC727LC3C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC727LC3C
Description  14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC727LC3C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC727LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC727LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 6
HMC727LC3C
v03.1010
14 Gbps, FAST RISE TIME
D-TYPE FLIP-FLOP
Pin Number
Function
Description
Interface Schematic
1, 4, 5, 8, 9, 12
GND
Signal Grounds
2, 3
6, 7
DN, DP
CP, CN
Differential Data Inputs: Common Mode Logic (CML)
referenced to positive supply.
10, 11
QN, QP
Differential Data Outputs: Common Mode Logic (CML)
referenced to positive supply.
13, 16
Vee
Negative Supply
14,
Package Base
G
GND
15
N/C
No Connection required. This pin may be connected
to RF/DC ground without affecting performance.
Pin Descriptions


Similar Part No. - HMC727LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Analog Devices
HMC7229 AD-HMC7229 Datasheet
275Kb / 16P
   Point to point radios
More results

Similar Description - HMC727LC3C

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC723LC3C AD-HMC723LC3C Datasheet
555Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP
logo
Hittite Microwave Corpo...
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
   14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC726LC3C HITTITE-HMC726LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME AND / NAND / OR / NOR GATE
HMC853LC3 HITTITE-HMC853LC3_12 Datasheet
639Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com