Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC728LC3C Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC728LC3C
Description  14 Gbps, 2:1 SELECTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC728LC3C Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC728LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC728LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 4
HMC728LC3C
v04.1010
14 Gbps, 2:1 SELECTOR
Eye Diagram
Timing Diagram
Truth Table
Inputs
Outputs
S
DP
H
A -> D
L
B -> D
H - Positive voltage level
L - Negative voltage level
Notes:
D = DP - DN
S = SP - SN
[1] Test Conditions:
Waveform generated with an Agilent N4903A J-Bert.
Rate = 10 Gbps
Eye Diagram data presented on a Tektronix CSA 8000


Similar Part No. - HMC728LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Analog Devices
HMC7229 AD-HMC7229 Datasheet
275Kb / 16P
   Point to point radios
More results

Similar Description - HMC728LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
   14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
   14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
logo
Texas Instruments
DS42MB100 TI1-DS42MB100_16 Datasheet
1Mb / 25P
[Old version datasheet]   4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
Hittite Microwave Corpo...
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
DS100MB203 TI1-DS100MB203_15 Datasheet
1Mb / 54P
[Old version datasheet]   10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com