Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC742LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC742LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC742LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC742LP5E_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 9Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 10Page - Hittite Microwave Corporation HMC742LP5E_10 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
12 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
Absolute Maximum Ratings
RF Input Power at Max Gain [1]
17.5 dBm (T = +85 °C)
Digital Inputs (Reset, Shift Clock,
Latch Enable & Serial Input)
-0.5 to Vdd +0.5V
Bias Voltage (Vdd)
5.6V
Collector Bias Voltage (Vcc)
5.5V
Channel Temperature
175 °C
Continuous Pdiss (T = 85 °C)
(derate 13.3 mW/°C above 85 °C) [2]
1.2 W
Thermal Resistance [3]
75.6 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
[1] The maximum RF input power increases by the same amount
the gain is reduced. The maximum input power at any state is no
more than 28 dBm.
[2] This value does not include the RF power dissipation in the
attenuator. The loss in the attenuator depends on the state of
the attenuator. The loss in the attenuator should be included to
determine the total power dissipation in the part.
[3] This value does not include the RF power dissipation in the
attenuator. The thermal resistance at different states of the
attenuator can be determined based on note [2]
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Bias Voltage
PUP Truth Table
LE
PUP1
PUP2
Gain Relative to Maximum
Gain
0
0
0
-31.5
0
1
0
-24
0
0
1
-16
0
1
1
Insertion Loss
1
X
X
0 to -31.5 dB
Note: The logic state of D0 - D5 determines the
power-up state per truth table shown below when LE
is high at power-up.
Power-Up States
Vdd (V)
Idd (Typ.) (mA)
+5.0
2
Vs (V)
Is (mA)
+5.0
150
Control Voltage Input
Gain
Relative to
Maximum
Gain
D5
D4
D3
D2
D1
D0
High
High
High
High
High
High
0 dB
High
High
High
High
High
Low
-0.5 dB
High
High
High
High
Low
High
-1 dB
High
High
High
Low
High
High
-2 dB
High
High
Low
High
High
High
-4 dB
High
Low
High
High
High
High
-8 dB
Low
High
High
High
High
High
-16 dB
Low
Low
Low
Low
Low
Low
-31.5 dB
Any combination of the above states will provide a reduction in
gain approximately equal to the sum of the bits selected.
Truth Table
If LE is set to logic LOW at power-up, the logic state of
PUP1 and PUP2 determines the power-up state of the
part per PUP truth table. If the LE is set to logic HIGH
at power-up, the logic state of D0-D5 determines the
power-up state of the part per truth table. The DVGA
latches in the desired power-up state approximately
200 ms after power-up.
Power-On Sequence
The ideal power-up sequence is: GND, Vdd, digital
inputs, RF inputs. The relative order of the digital
inputs are not important as long as they are powered
after Vdd / GND
HMC742LP5E
v05.0610
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
Control Voltage Table
State
Vdd = +3V
Vdd = +5V
Low
0 to 0.5V @ <1 µA
0 to 0.8V @ <1 µA
High
2 to 3V @ <1 µA
2 to 5V @ <1 µA


Similar Part No. - HMC742LP5E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results

Similar Description - HMC742LP5E_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC627LP5 HITTITE-HMC627LP5_10 Datasheet
1,023Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
HMC743LP6C HITTITE-HMC743LP6C_11 Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com