Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC745LC3C Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC745LC3C
Description  13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC745LC3C Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC745LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 2
Electrical Specifications, (continued)
HMC745LC3C
v03.1010
13 Gbps, FAST RISE TIME XOR / XNOR GATE
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Parameter
Conditions
Min.
Typ.
Max
Units
Output Return Loss
Frequency <13 GHz
10
dB
Small Signal Gain
27
dB
Random Jitter Jr
rms
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2
ps, p-p
Propagation Delay, td
95
ps
[1] Deterministic jitter calculated by simultaneously measuring the jitter of a 300 mV, 13 GHz, 215-1 PRBS input, and a single-ended output
DC Current vs. Supply Voltage [1] [2]
[1] VR = +3.3V
[2] Frequency = 13 GHz
Output Differential
vs. Supply Voltage [1] [2]
Output Differential vs. Frequency [1]
Rise / Fall Time vs. Supply Voltage [2]
55
60
65
70
75
80
85
90
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
15
17
19
21
23
25
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
tr
tf
SUPPLY VOLTAGE (V)
400
600
800
1000
1200
1400
2
4
6
8
10
12
14
16
18
FREQUENCY (GHz)
1000
1025
1050
1075
1100
1125
1150
1175
1200
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
+25C
+85C
-40C
SUPPLY VOLTAGE (V)


Similar Part No. - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C_10 Datasheet
696Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com