Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC745LC3C Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC745LC3C
Description  13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC745LC3C Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC745LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC745LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 3
HMC745LC3C
v03.1010
13 Gbps, FAST RISE TIME XOR / XNOR GATE
w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
[1] VR = +3.3V
[2] Frequency = 13 GHz
Rise / Fall Time vs. VR [2]
Output Differential vs. VR [2]
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
FREQUENCY (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
12
14
FREQUENCY (GHz)
15
17
19
21
23
25
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
tr
tf
VR (V)
400
600
800
1000
1200
1400
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
+25C
+85C
-40C
VR (V)


Similar Part No. - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC745LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC745LC3 HITTITE-HMC745LC3_11 Datasheet
563Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC745LC3C HITTITE-HMC745LC3C Datasheet
280Kb / 8P
   13 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC721LC3C HITTITE-HMC721LC3C Datasheet
385Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC721LP3E HITTITE-HMC721LP3E Datasheet
384Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
   14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC746LC3C HITTITE-HMC746LC3C Datasheet
263Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC746LC3C HITTITE-HMC746LC3C_10 Datasheet
696Kb / 8P
   13 Gbps, FAST RISE TIME AND/NAND/OR/NOR GATE, w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com