Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC748LC3C Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC748LC3C
Description  14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC748LC3C Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC748LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC748LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
3 - 1
The HMC748LC3C is a 2:1 Selector designed to sup-
port data transmission rates of up to 14 Gbps, and
selector port operation of up to 14 GHz. The selector
routes one of the two single-ended inputs to the
differential output upon assertion of the proper select
port. The HMC748LC3C also features an output level
control pin, VR, that allows for loss compensation or
for signal level optimization.
All select differential inputs to the HMC748LC3C are
CML and terminated on-chip with 50 Ohms to the
positive supply, Vcc, and may be AC or DC coupled.
The single-ended inputs to the HMC748LC3C are
CML terminated on-chip with 50 Ohms to the positive
supply, GND, and may be DC coupled. The differential
CML outputs are source terminated to 50 Ohms
and may also be AC or DC coupled. Outputs can
be connected directly to a 50 Ohm Vcc terminated
system, while DC blocking capacitors may be used
if the terminating system is 50 Ohms to ground. The
HMC748LC3C operates from a single + 3.3 V supply
and is available in ROHS-compliant 3x3 mm SMT
package.
General Description
HMC748LC3C
Features
Functional Diagram
Supports High Data Rates: up to 14 Gbps
Single-ended inputs
Differential & Single-Ended Outputs
Fast Rise and Fall Times: 22 / 22 ps
Low Power Consumption: 250 mW typ.
Programmable Differential
Output Voltage Swing: 600 - 1200 mV
Propagation Delay: 125 ps
Single Supply: +3.3 V
16 Lead Ceramic 3x3 mm SMT Package: 9 mm2
Typical Applications
The HMC748LC3C is ideal for:
• 2:1 Multiplexer up to 14 Gbps
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 14 Gbps
• Redundant Path Switching
• Built-in Test
Parameter
Conditions
Min.
Typ.
Max
Units
Power Supply Voltage
3.0
3.3
3.6
V
Power Supply Current
76
mA
Maximum Data Rate
14
Gbps
Maximum Select Rate
14
GHz
Maximum Serial Transmission Rate
26
Gbps
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE
OUTPUT VOLTAGE & POSITIVE SUPPLY
v03.1010
Electrical Specifications, TA = +25 °C, Vcc = 3.3 V, VR = 3.3 V


Similar Part No. - HMC748LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results

Similar Description - HMC748LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
   13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC728LC3C HITTITE-HMC728LC3C Datasheet
440Kb / 8P
   14 Gbps, 2:1 SELECTOR
logo
Analog Devices
HMC744LC3 AD-HMC744LC3 Datasheet
670Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPP LY
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
   32 Gbps, 1:2 Demux w/ Programmable Output Voltage
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
   32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com