Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC750LP4 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC750LP4_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 9Page - Hittite Microwave Corporation HMC750LP4_11 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 6
Outline Drawing
part number
package Body material
lead finish
msl rating
package marking [3]
HmC750lp4
low stress injection molded plastic
sn/pb solder
msl1
[1]
H750
XXXX
HmC750lp4e
roHs-compliant low stress injection molded plastic
100% matte sn
msl1
[2]
H750
XXXX
[1] max peak reflow temperature of 235 °C
[2] max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
nOtes:
1. leaDframe material: COpper allOY
2. DimensiOns are in inCHes [millimeters].
3. leaD spaCing tOleranCe is nOn-CUmUlatiVe
4. paD BUrr lengtH sHall Be 0.15mm maXimUm.
paD BUrr HeigHt sHall Be 0.05mm maXimUm.
5. paCKage Warp sHall nOt eXCeeD 0.05mm.
6. all grOUnD leaDs anD grOUnD paDDle mUst Be sOlDereD tO pCB rf grOUnD.
7. refer tO HmC appliCatiOn nOte fOr sUggesteD pCB lanD pattern.
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER


Similar Part No. - HMC750LP4_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4E HITTITE-HMC750LP4E Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4E AD-HMC750LP4E Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
More results

Similar Description - HMC750LP4_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4 AD-HMC750LP4 Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC866LC3C HITTITE-HMC866LC3C_09 Datasheet
444Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
v01.0614
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com