Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC750LP4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC750LP4
Description  12.5 Gbps LIMITING AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC750LP4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC750LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC750LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
6 - 5
HMC750LP4 / 750LP4E
v03.0111
12.5 Gbps LIMITING AMPLIFIER
Input Signal
Output Signal
input and output signal for 10 gbps, prBs 223 -1, 3.5mV p-p differential, VC1 = 3V.
supply Voltage
5.6V
input signals
4V to 5.5V
rf input power
10 dBm
Junction temperature
125 °C
Continuous pdiss (t = 85°C)
(Derate 24 mW/°C above 85°C)
0.95 Watts
thermal resistance (rth)
(junction to ground paddle)
42 °C/W
storage temperature
-65 to 150 °C
Operating temperature
-40 to +85 °C
Absolute Maximum Ratings


Similar Part No. - HMC750LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4 AD-HMC750LP4 Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
logo
Hittite Microwave Corpo...
HMC750LP4E HITTITE-HMC750LP4E Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4E AD-HMC750LP4E Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
More results

Similar Description - HMC750LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC750LP4 AD-HMC750LP4 Datasheet
2Mb / 10P
   12.5 Gbps LIMITING AMPLIFIER
v03.0111
logo
Hittite Microwave Corpo...
HMC914LP4E HITTITE-HMC914LP4E Datasheet
744Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
logo
Analog Devices
HMC914LP4E AD-HMC914LP4E Datasheet
708Kb / 12P
   12.5 Gbps LIMITING AMPLIFIER w/ LOSS OF SIGNAL FEATURE
v03.1012
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_11 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC866LC3C HITTITE-HMC866LC3C_09 Datasheet
444Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
v01.0614
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com