Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC751LC4 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC751LC4
Description  SMT pHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC751LC4 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC751LC4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC751LC4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC751LC4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC751LC4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC751LC4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC751LC4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
Pin Descriptions
pin Number
function
Description
interface schematic
1, 3, 5 - 7, 12 - 14,
16, 18, 19, 24
GND
These pins and package bottom must be
connected to rf/DC ground.
2, 8 - 11,
17, 23
N/C
This pin may be connected to rf/DC ground.
performance will not be affected.
4
rfiN
This pin is AC coupled
and matched to 50 ohms.
15
rfoUT
This pin is AC coupled
and matched to 50 ohms.
22, 21, 20
Vdd1, 2, 3
power supply Voltage for the amplifier. external bypass
capacitors of 100 pf, 1,000 pf and 2.2 µf are required.
Application Circuit
Component
Value
C1, C2, C3
100 pf
C4, C5, C6
1,000 pf
C7, C8, C9
2.2 µf
HMC751LC4
v00.0409
SMT pHEMT LOW NOISE
AMPLIFIER, 17 - 27 GHz


Similar Part No. - HMC751LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
More results

Similar Description - HMC751LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC751LC4 HITTITE-HMC751LC4_09 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC751LC4 HITTITE-HMC751LC4 Datasheet
229Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 27 GHz
HMC517LC4 HITTITE-HMC517LC4_09 Datasheet
228Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517LC4 HITTITE-HMC517LC4 Datasheet
314Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 17 - 26 GHz
logo
Custom MMIC Design Serv...
CMD163 MMIC-CMD163 Datasheet
226Kb / 9P
   17-27 GHz Low Noise Amplifier
CMD163C4 MMIC-CMD163C4 Datasheet
258Kb / 10P
   17-27 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com