Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC774LC3B Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC774LC3B
Description  GaAs MMIC Fundam ental Mixer, 7 - 34 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC774LC3B Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC774LC3B_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC774LC3B_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC774LC3B_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC774LC3B_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC774LC3B_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC774LC3B_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
10 - 6
evaluation PCB
item
Description
J1 - J2
southwest K Connector
J3
Johnson sMA Connector
U1
HMC774LC3B Mixer
PCB [2]
125040 evaluation PCB
[1] reference this number when ordering compete evaluation PCB
[2] Circuit Board Material: Arlon 25Fr or rogers 4350
The circuit board used in this application should use
rF circuit design techniques. signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
list of Materials for evaluation PCB 125042 [1]
HMC774LC3B
v00.0509
GaAs MMIC FundAMentAl
MIxer, 7 - 34 GHz


Similar Part No. - HMC774LC3B_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
More results

Similar Description - HMC774LC3B_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC774 HITTITE-HMC774_10 Datasheet
556Kb / 6P
   GaAs MMIC Fundam ental Mixer, 7 - 43 GHz
HMC1015 HITTITE-HMC1015 Datasheet
561Kb / 8P
   GaAs MMIC Fundam ental Mixer, 26 - 32 GHz
HMC787LC3B HITTITE-HMC787LC3B Datasheet
588Kb / 8P
   GaAs MMIC Fundam ental Mixer, 3 - 10 GHz
HMC773 HITTITE-HMC773_10 Datasheet
558Kb / 6P
   GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC773LC3B HITTITE-HMC773LC3B_10 Datasheet
521Kb / 6P
   GaAs MMIC Fundam ental Mixer, 6 - 26 GHz
HMC774LC3B HITTITE-HMC774LC3B_09 Datasheet
222Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 34 GHz
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
   7 GHz to 34 GHz, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC553 HITTITE-HMC553_09 Datasheet
218Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC774 HITTITE-HMC774_09 Datasheet
250Kb / 6P
   GaAs MMIC FUNDAMENTAL MIXER, 7 - 43 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com