Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC789ST89E Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC789ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC789ST89E Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC789ST89E Datasheet HTML 7Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 8Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 9Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 10Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 11Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 12Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 13Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 14Page - Hittite Microwave Corporation HMC789ST89E Datasheet HTML 15Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 11
HMC789ST89E
v00.0409
InGaP HBT GAIN BLOCK MMIC
AMPLIFIER, 0.7 - 2.8 GHz
900 MHz Application Circuit
This circuit was used to specify the performance for 810-960 mHz operation. contact the Hmc Applications
Group for assistance in optimizing performance for your application.
recommended component values
c1
10 pf
c2
100 pf
c3
100 pf
c4
1000 pf
c5
2.2 μf
c6
100 pf
c7
1.2 pf
l1
18 nH
l2
3.8 nH


Similar Part No. - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
More results

Similar Description - HMC789ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC789ST89E HITTITE-HMC789ST89E Datasheet
427Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, 0.7 - 2.8 GHz
logo
Analog Devices
HMC589AST89E AD-HMC589AST89E_17 Datasheet
256Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC789ST89E AD-HMC789ST89E Datasheet
736Kb / 16P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC480ST89 AD-HMC480ST89 Datasheet
297Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
HMC405 AD-HMC405 Datasheet
284Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER
logo
Mimix Broadband
CGB8002-SC MIMIX-CGB8002-SC Datasheet
290Kb / 12P
   DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com