Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5239CW Datasheet(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MMSZ5239CW
Description  500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MMSZ5239CW Datasheet(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MMSZ5239CW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5239CW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Number: DB-207
Dec. 2009 Release, Revision A
Page 4
TAK CHEONG
®
SEMICONDUCTOR
Flat Lead SOD-123 Package Outline
Note: Dimensions are exclusive of Currs, Mold Flash & Tie Car extrusions.
Fig.7 TYPICAL LEAKGE CURRENT


Similar Part No. - MMSZ5239CW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMSZ5239C KEXIN-MMSZ5239C Datasheet
1Mb / 3P
   Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ5239C JIANGSU-MMSZ5239C Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diotec Semiconductor
MMSZ5239C DIOTEC-MMSZ5239C Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
DAESAN ELECTRONIC CORP.
MMSZ5239C DAESAN-MMSZ5239C Datasheet
252Kb / 2P
   ZENER DIODE
logo
Tak Cheong Electronics ...
MMSZ5239CSW TAK_CHEONG-MMSZ5239CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ5239CW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MMSZ15VCWG LEIDITECH-MMSZ15VCWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com