Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC814 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC814
Description  GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC814 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC814_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC814_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC814_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC814_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC814_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC814_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2
2 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC814
GaAs MMIC x2 ACTIVE FREQUENCY
MULTIPLIER, 13 - 24.6 GHz OUTPUT
v00.1109
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25 °C, Vdd1, Vdd2 = +5V, +4 dBm Drive Level
Typical Applications
The HMc814 is ideal for:
• clock Generation Applications:
SOnET Oc-192 & SDH STM-64
• Point-to-Point & vSAT Radios
• Test Instrumentation
• Military & Space
• Sensors
The HMc814 is a x2 active broadband frequency
multiplier chip utilizing GaAs PHEMT technology.
When driven by a +4 dBm signal, the multiplier
provides +17 dBm typical output power from 13 to
24.6 GHz. The Fo, 3Fo and 4Fo isolations are >20
dBc at 19 GHz. The HMc814 is ideal for use in LO
multiplier chains for Pt-to-Pt & vSAT Radios yielding
reduced parts count vs. traditional approaches. The
low additive SSB Phase noise of -136 dBc/Hz at
100 kHz offset helps maintain good system noise
performance. All data is taken with the chip connected
via two 0.025mm (1 mil) wire bonds of minimal length
0.31 mm (12 mils).
High Output Power: +17 dBm
Low Input Power Drive: 0 to +6 dBm
Fo Isolation: >20 dBc @ Fout = 19 GHz
100 kHz SSB Phase noise: -136 dBc/Hz
Single Supply: +5v @ 88mA
Die Size: 1.2 x 1.23 x 0.1 mm
Parameter
Min.
Typ.
Max.
Units
Frequency Range, Input
6.5 - 12.3
GHz
Frequency Range, Output
13.0 - 24.6
GHz
Output Power
14
17
dBm
Fo Isolation (with respect to output level)
25
dBc
3Fo Isolation (with respect to output level)
25
dBc
Input Return Loss
7
dB
Output Return Loss
7
dB
SSB Phase noise (100 kHz Offset @ Input Frequency = 19 GHz)
-136
dBc/Hz
Supply current (Idd1 & Idd2)
70
88
100
mA


Similar Part No. - HMC814_10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8142 AD-HMC8142 Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
HMC8142-SX AD-HMC8142-SX Datasheet
318Kb / 16P
   E-Band Power Amplifier With Power Detector
logo
Hittite Microwave Corpo...
HMC814LC3B HITTITE-HMC814LC3B Datasheet
219Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
Analog Devices
HMC814LC3B AD-HMC814LC3B Datasheet
344Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY
More results

Similar Description - HMC814_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_09 Datasheet
219Kb / 6P
   SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
Analog Devices
ADH814S AD-ADH814S Datasheet
737Kb / 8P
   13 to 24.6 GHz Output x2 Active Frequency Multiplier
Rev. A
logo
Hittite Microwave Corpo...
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC448 HITTITE-HMC448_06 Datasheet
323Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
HMC579 HITTITE-HMC579 Datasheet
273Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC449 HITTITE-HMC449 Datasheet
228Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 27 - 33 GHz OUTPUT
logo
Analog Devices
HMC576 AD-HMC576 Datasheet
305Kb / 6P
   GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 18 - 29 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com