Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z15VCW Datasheet(PDF) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MM3Z15VCW
Description  200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MM3Z15VCW Datasheet(HTML) 2 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MM3Z15VCW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z15VCW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z15VCW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z15VCW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM3Z15VCW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Number: DB-087
May 2009, Revision D
Page 2
TAK CHEONG
®
SEMICONDUCTOR
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MM3Z16VCW
ZL
15.20
16
16.80
5
40
1
188
0.045
11.2
MM3Z18VCW
ZM
17.10
18
18.90
5
45
1
212
0.045
12.6
MM3Z20VCW
ZN
19.00
20
21.00
5
55
1
212
0.045
14.0
MM3Z22VCW
ZP
20.90
22
23.10
5
55
1
235
0.045
15.4
MM3Z24VCW
ZR
22.80
24
25.20
5
70
1
235
0.045
16.8
MM3Z27VCW
ZS
25.65
27
28.35
2
80
0.5
282
0.045
18.9
MM3Z30VCW
ZT
28.50
30
31.50
2
80
0.5
282
0.045
21.0
MM3Z33VCW
ZU
31.35
33
34.65
2
80
0.5
306
0.045
23.0
MM3Z36VCW
ZV
34.20
36
37.80
2
90
0.5
329
0.045
25.2
MM3Z39VCW
ZW
37.05
39
40.95
2
130
0.5
329
0.045
27.3
MM3Z43VCW
ZX
40.85
43
45.15
2
150
0.5
353
0.045
30.1
MM3Z47VCW
ZY
44.65
47
49.35
2
170
0.5
353
0.045
33.0
MM3Z51VCW
Z−
48.45
51
53.55
2
180
0.5
376
0.045
35.7
MM3Z56VCW
Z=
53.20
56
58.80
2
200
0.5
400
0.045
39.2
MM3Z62VCW
Z≡
58.90
62
65.10
2
215
0.5
423
0.045
43.4
MM3Z68VCW
Z>
64.60
68
71.40
2
240
0.5
447
0.045
47.6
MM3Z75VCW
Z<
71.25
75
78.75
2
255
0.5
470
0.045
52.5
VF Forward Voltage = 1 V Maximum @ IF = 10 mA for all types
Notes:
1.
The Zener Voltage (V
Z) is tested under pulse condition of 10mS.
2.
The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
3.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
4.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (I
ZT or IZK) is superimposed to IZT or IZK.


Similar Part No. - MM3Z15VCW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MM3Z15VCW TAK_CHEONG-MM3Z15VCW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
MM3Z15VCW SECOS-MM3Z15VCW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
More results

Similar Description - MM3Z15VCW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
UDZS2V4BW TAK_CHEONG-UDZS2V4BW Datasheet
153Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM5Z2V4B TAK_CHEONG-MM5Z2V4B Datasheet
278Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com