Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM5Z13VB Datasheet(PDF) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MM5Z13VB
Description  200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MM5Z13VB Datasheet(HTML) 4 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MM5Z13VB Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM5Z13VB Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM5Z13VB Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM5Z13VB Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MM5Z13VB Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DB-146
April 2009, Revision A
Page 4
TAK CHEONG
®
SEMICONDUCTOR
Flat Lead SOD-523 Package Outline
Note:
Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.
Fig.7 TYPICAL LEAKGE CURRENT


Similar Part No. - MM5Z13VB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z13V EIC-MM5Z13V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SeCoS Halbleitertechnol...
MM5Z13V SECOS-MM5Z13V Datasheet
76Kb / 4P
   100 mW, SOD-523 Series Surface Mount Zener Diodes
logo
Weitron Technology
MM5Z13V WEITRON-MM5Z13V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
SUNMATE electronic Co.,...
MM5Z13V SUNMATE-MM5Z13V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Fairchild Semiconductor
MM5Z13V FAIRCHILD-MM5Z13V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z13VB

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZX584C2V4 TAK_CHEONG-TCBZX584C2V4 Datasheet
255Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
TCMM5Z2V4 TAK_CHEONG-TCMM5Z2V4 Datasheet
243Kb / 5P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MM5Z5V1 LEIDITECH-MM5Z5V1 Datasheet
527Kb / 4P
   200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MMSZ5221BSW TAK_CHEONG-MMSZ5221BSW Datasheet
222Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
UDZS2V0B YEASHIN-UDZS2V0B Datasheet
799Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
logo
Tak Cheong Electronics ...
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW Datasheet
268Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW_09 Datasheet
289Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4BW TAK_CHEONG-MM3Z2V4BW Datasheet
267Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MMSZ5221CSW TAK_CHEONG-MMSZ5221CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z2V4CW TAK_CHEONG-MM3Z2V4CW_09 Datasheet
290Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com