Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5244CW Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # MMSZ5244CW
Description  500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

MMSZ5244CW Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  MMSZ5244CW Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5244CW Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5244CW Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5244CW Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd MMSZ5244CW Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Number: DB-207
Dec. 2009 Release, Revision A
Page 1
TAK CHEONG
®
SEMICONDUCTOR
500mW SOD-123 SURFACE MOUNT
Flat Lead Surface Mount Plastic Package
Zener Voltage Regulators
Green Product
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
TSTG
Storage Temperature Range
-65 to +150
°C
TOPR
Operating Temperature Range
-65 to +150
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Wide Zener Voltage Range Selection, 4.3V to 75V
VZ Tolerance Selection of ±2%
Flat Lead SOD-123 Plastic Package
Surface Device Type Mounting
RoHS Compliant
Green EMC
Matte Tin(Sn) Lead Finish
Band Indicates Cathode
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device
Type
Device
Marking
Min
Nom
Max
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
ZZK @ IZK = 0.25mA
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(Volts)
MMSZ5229CW
229C
4.214
4.3
4.386
20
22
2000
5
1
MMSZ5230CW
230C
4.606
4.7
4.794
20
19
1900
5
2
MMSZ5231CW
231C
4.998
5.1
5.202
20
17
1600
5
2
MMSZ5232CW
232C
5.488
5.6
5.712
20
11
1600
5
3
MMSZ5233CW
233C
5.88
6.0
6.12
20
7
1600
5
3.5
MMSZ5234CW
234C
6.076
6.2
6.324
20
7
1000
5
4
MMSZ5235CW
235C
6.664
6.8
6.936
20
5
750
3
5
MMSZ5236CW
236C
7.35
7.5
7.65
20
6
500
3
6
MMSZ5237CW
237C
8.036
8.2
8.364
20
8
500
3
6.5
MMSZ5238CW
238C
8.526
8.7
8.874
20
8
600
3
6.5
MMSZ5239CW
239C
8.918
9.1
9.282
20
10
600
3
7
MMSZ5240CW
240C
9.8
10
10.2
20
17
600
3
8
MMSZ5241CW
241C
10.78
11
11.22
20
22
600
2
8.4
MMSZ5242CW
242C
11.76
12
12.24
20
30
600
1
9.1
MMSZ5243CW
243C
12.74
13
13.26
9.5
13
600
0.5
9.9
MMSZ5244CW
244C
13.72
14
14.28
9
15
600
0.1
10
MMSZ5245CW
245C
14.7
15
15.3
8.5
16
600
0.1
11
MMSZ5246CW
246C
15.68
16
16.32
7.8
17
600
0.1
12
MMSZ5247CW
247C
16.66
17
17.34
7.4
19
600
0.1
13
MMSZ5248CW
248C
17.64
18
18.36
7
21
600
0.1
14
MMSZ5249CW
249C
18.62
19
19.38
6.6
23
600
0.1
14
MMSZ5250CW
250C
19.6
20
20.4
6.2
25
600
0.1
15
ELECTRICAL SYMBOL
Cathode
Anode
SOD-123 Flat Lead


Similar Part No. - MMSZ5244CW

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMSZ5244C KEXIN-MMSZ5244C Datasheet
1Mb / 3P
   Zener Diodes
logo
Jiangsu Changjiang Elec...
MMSZ5244C JIANGSU-MMSZ5244C Datasheet
1Mb / 5P
   ZENER DIODE
logo
DAESAN ELECTRONIC CORP.
MMSZ5244C DAESAN-MMSZ5244C Datasheet
252Kb / 2P
   ZENER DIODE
logo
Tak Cheong Electronics ...
MMSZ5244CSW TAK_CHEONG-MMSZ5244CSW Datasheet
239Kb / 5P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - MMSZ5244CW

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221BW TAK_CHEONG-MMSZ5221BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW_09 Datasheet
238Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Shanghai Leiditech Elec...
MMSZ15VCWG LEIDITECH-MMSZ15VCWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
   500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com