Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC815LC5 Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC815LC5
Description  GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC815LC5 Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC815LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 9Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 10Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 11Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 12Page - Hittite Microwave Corporation HMC815LC5 Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
9 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Sideband Rejection
Conversion Gain, LSB vs. LO Drive
Conversion Gain, LSB vs. Vdd
Input IP3, LSB vs. Temperature
Output IP3, LSB vs. Temperature
Conversion Gain, LSB vs. Temperature
Data Taken as SSB Upconverter with External IF Hybrid, IF = 3750 MHz
2
4
6
8
10
12
14
16
18
18
19
20
21
22
23
24
25
26
27
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
18
19
20
21
22
23
24
25
26
27
4.25V
4.5V
4.75V
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
18
19
20
21
22
23
24
25
26
27
RF FREQUENCY (GHz)
8
10
12
14
16
18
20
22
24
18
19
20
21
22
23
24
25
26
27
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
14
16
18
20
22
24
26
28
30
18
19
20
21
22
23
24
25
26
27
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
2
4
6
8
10
12
14
16
18
18
19
20
21
22
23
24
25
26
27
2dBm
4dBm
6dBm
RF FREQUENCY (GHz)
HMC815LC5
v01.0110
GaAs MMIC I/Q UPCONVERTER
21 - 27 GHz


Similar Part No. - HMC815LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
More results

Similar Description - HMC815LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC815LC5 HITTITE-HMC815LC5 Datasheet
664Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
HMC815LC5 HITTITE-HMC815LC5_10 Datasheet
660Kb / 16P
   GaAs MMIC I/Q UPCONVERTER 21 - 27 GHz
logo
Analog Devices
HMC815B AD-HMC815B Datasheet
551Kb / 30P
   21 GHz to 27 GHz, GaAs, MMIC, I/Q Upconverter
logo
Hittite Microwave Corpo...
HMC710LC5 HITTITE-HMC710LC5_10 Datasheet
712Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
HMC710LC5 HITTITE-HMC710LC5 Datasheet
287Kb / 8P
   GaAs MMIC I/Q UPCONVERTER 16 - 21 GHz
logo
Analog Devices
HMC7912 AD-HMC7912 Datasheet
552Kb / 24P
   21 GHz to 24 GHz, GaAs, MMIC, I/Q Upconverter
logo
Hittite Microwave Corpo...
HMC924LC5 HITTITE-HMC924LC5 Datasheet
1Mb / 14P
   GaAs MMIC I/Q UPCONVERTER 10 - 16 GHz
HMC709LC5 HITTITE-HMC709LC5_10 Datasheet
642Kb / 6P
   GaAs MMIC I/Q UPCONVERTER 11 - 17 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
HMC925LC5 HITTITE-HMC925LC5 Datasheet
1Mb / 10P
   GaAs MMIC I/Q UPCONVERTER 5.5 - 8.6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com