Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC824LP6CE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC824LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC824LP6CE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC824LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC824LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 7
HMC824LP6CE
v04.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 780 - 870 MHz
Outline Drawing
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [1]
HMC824LP6CE
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
H824
XXXX
[1] 4-Digit lot number XXXX
Package Information
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS].
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST
BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR
SUGGESTED PCB LAND PATTERN.
Absolute Maximum Ratings
AVDD, RVDD, DVDD3V, VCCPD,
VCCHF, VCCPS
-0.3V to +3.6V
VPPCP, VDDCP, VCC1
-0.3V to +5.8V
VCC2
-0.3V to +5.5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to 125°C
Maximum Junction Temperature
125 °C
Thermal Resistance (RTH)
(junction to ground paddle)
20 °C/W
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
ESD Sensitivity (HBM)
Class 1B
Stresses above those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device at these or any other conditions above those
indicated in the operational section of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.


Similar Part No. - HMC824LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
logo
Analog Devices
HMC824LP6CE AD-HMC824LP6CE Datasheet
655Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results

Similar Description - HMC824LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC828LP6CE HITTITE-HMC828LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com