Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC836LP6CE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC836LP6CE
Description  FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC836LP6CE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC836LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC836LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 5
HMC836LP6CE
v06.1010
FRACTIONAL-N SYNTHESIZER WITH
INTEGRATED VCO, 3365 - 3705 MHz
Figure of Merit
Typical Output Power
Typical VCO Tuning Voltage After Calibration
vs. VCO Frequency & CAP Setting [2]
Typical VCO Sensitivity vs. VCO Tune
Voltage & CAP Setting @ fo [2]
[1] Fractional Mode, 50 MHz Crystal, R=1, ~80 kHz Loop BW, (Loop filter values: Contact factory for component values) 2mA Charge Pump, -385µA
Offset.
[2] The CAP setting is the digitally selectable VCO tank capacitor setting. This feature allows the nominal center frequency of the VCO to be
adjusted by switching in/out VCO tank capacitors.
0
2
4
6
8
10
3300
3400
3500
3600
3700
3800
+27C
+85C
-40C
OUTPUT FREQUENCY (MHz)
-240
-230
-220
-210
-200
10
2
10
3
10
4
10
5
10
6
FREQUENCY OFFSET (Hz)
FOM Floor
FOM 1/f Noise
Typ FOM vs Offset
0
1
2
3
4
5
VCO FREQUENCY
0
15
31
fmin
fmax
0
10
20
30
40
50
60
0
1
2
3
4
5
TUNING CAP 31
TUNING CAP 15
TUNING CAP 0
TUNING VOLTAGE (V)
Typical Operating Range


Similar Part No. - HMC836LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
logo
Analog Devices
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
More results

Similar Description - HMC836LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC836LP6CE HITTITE-HMC836LP6CE_09 Datasheet
498Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 3365 - 3705 MHz
HMC824LP6CE HITTITE-HMC824LP6CE Datasheet
491Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
HMC828LP6CE HITTITE-HMC828LP6CE Datasheet
495Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
HMC831LP6CE HITTITE-HMC831LP6CE_10 Datasheet
1,017Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC831LP6CE HITTITE-HMC831LP6CE Datasheet
504Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1815 - 2010 MHz
HMC826LP6CE HITTITE-HMC826LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC826LP6CE HITTITE-HMC826LP6CE Datasheet
531Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 990 - 1105 MHz
HMC824LP6CE HITTITE-HMC824LP6CE_10 Datasheet
1Mb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 780 - 870 MHz
logo
Analog Devices
LTC6948 AD-LTC6948 Datasheet
507Kb / 38P
   Fractional-N Synthesizer Integrated VCO
logo
Hittite Microwave Corpo...
HMC828LP6CE HITTITE-HMC828LP6CE_10 Datasheet
1,007Kb / 10P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO, 1285 - 1415 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com