Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC863LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC863LP4E
Description  GaAs pHEMT MMICWATT POWER AMPLIFIER, 22 - 26.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC863LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC863LP4E_11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 6Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 7Page - Hittite Microwave Corporation HMC863LP4E_11 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
9
9 - 5
HMC863LP4E
v02.0111
GaAs pHEMT MMIC ½ WATT
POWER AMPLIFIER, 22 - 26.5 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vd)
6.3V
rf input power (rfin)
+26 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 37 mw/°C above 85 °C)
2.52 w
Thermal resistance
(channel to ground paddle)
26.9 C/w
storage Temperature
-65 to +150 °C
operating Temperature
-55 to +85 °C
esD sensitivity (HBm)
Class 0, 150V
Vdd (V)
idd (mA)
+5.0
350
+5.5
350
+6.0
350
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 350mA at +5.5V
Typical Supply Current vs. Vdd
eleCTrosTATiC sensiTiVe DeViCe
oBserVe HAnDlinG preCAUTions
Power Dissipation
Gain & Power vs.
Supply Voltage @ 25 GHz
Gain & Power vs.
Supply Current @ 25 GHz
18
20
22
24
26
28
30
32
300
320
340
360
380
400
Gain
P1dB
Psat
Idd (mA)
18
20
22
24
26
28
30
32
5
5.2
5.4
5.6
5.8
6
Gain
P1dB
Psat
Vdd (V)
1
1.5
2
2.5
3
3.5
4
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
23 GHz
24 GHz
25 GHz
26 GHz
27 GHz
INPUT POWER (dBm)


Similar Part No. - HMC863LP4E_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
logo
Analog Devices
HMC863LP4E AD-HMC863LP4E Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC863LP4E_11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC998_1108 HITTITE-HMC998_1108 Datasheet
637Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC797 HITTITE-HMC797 Datasheet
590Kb / 10P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC797LP5E HITTITE-HMC797LP5E Datasheet
570Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
logo
Analog Devices
HMC797A AD-HMC797A Datasheet
834Kb / 16P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, DC - 22 GHz
HMC907A AD-HMC907A Datasheet
976Kb / 12P
   GaAs pHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
logo
Hittite Microwave Corpo...
HMC907 HITTITE-HMC907 Datasheet
654Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, 0.2 - 22 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com