Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC864 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC864
Description  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC864 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC864 Datasheet HTML 1Page - Hittite Microwave Corporation HMC864 Datasheet HTML 2Page - Hittite Microwave Corporation HMC864 Datasheet HTML 3Page - Hittite Microwave Corporation HMC864 Datasheet HTML 4Page - Hittite Microwave Corporation HMC864 Datasheet HTML 5Page - Hittite Microwave Corporation HMC864 Datasheet HTML 6Page - Hittite Microwave Corporation HMC864 Datasheet HTML 7Page - Hittite Microwave Corporation HMC864 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3
3 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC864
v01.0110
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 24 - 29.5 GHz
Absolute Maximum Ratings
Drain Bias Voltage (Vd)
+6.5V
rf input power (rfin)
+26 dBm
Channel Temperature
150 °C
Continuous pdiss (T= 85 °C)
(derate 75 mw/°C above 85 °C)
4.85 w
Thermal resistance
(channel to die bottom)
13.4 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-55 to +85 °C
Vdd (V)
idd (mA)
+5.0
750
+5.5
750
+6.0
750
Note: Amplifier will operate over full voltage ranges shown
above Vgg adjusted to achieve Idd = 750mA at +5.5V
Typical Supply Current vs. Vdd
eleCTrosTATiC sensiTiVe DeViCe
oBserVe hAnDlinG preCAUTions
Power Dissipation
Gain & Power vs.
Supply Voltage @ 27 GHz
Gain & Power vs.
Supply Current @ 27 GHz
25
27
29
31
33
35
700
720
740
760
780
800
Gain (dB)
P1dB (dBm)
Psat (dBm)
Idd (mA)
25
27
29
31
33
35
5
5.2
5.4
5.6
5.8
6
Gain (dB)
P1dB (dBm)
Psat (dBm)
Vdd (V)
4
4.5
5
5.5
6
-15
-12
-9
-6
-3
0
3
6
24 GHz
25 GHz
26 GHz
27 GHz
28 GHz
INPUT POWER (dBm)


Similar Part No. - HMC864

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC864 HITTITE-HMC864 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
logo
Analog Devices
HMC864 AD-HMC864 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
More results

Similar Description - HMC864

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC864 HITTITE-HMC864_10 Datasheet
313Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863_09 Datasheet
302Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC863 HITTITE-HMC863_10 Datasheet
707Kb / 8P
   GaAs pHEMT MMIC 쩍 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC943LP5E HITTITE-HMC943LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
HMC943LP5E HITTITE-HMC943LP5E_11 Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1.5 WATT POWER AMPLIFIER, 24 - 31.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com