Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC865LC3C Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC865LC3C
Description  32 Gbps LIMITING AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC865LC3C Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC865LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 8Page - Hittite Microwave Corporation HMC865LC3C Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6
6 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC865LC3C
v02.0911
32 Gbps LIMITING AMPLIFIER
power supply Voltage (Vcc)
-0.5V to +3.6V
input Voltage
(Vcc -1.3V) to
(Vcc +0.5)
Output Voltage
(Vcc -1V) to
(Vcc +0.5)
Output amplitude Control Voltage (VaC)
-0.5V to +2.5V
Junction temperature
125 °C
Continuous pdiss (t = 85°C)
(Derate 13.10 mW/°C above 85°C)
0.52W
thermal resistance (rth)
(junction to ground paddle)
76.32 °C/W
storage temperature
-65 to 125 °C
Operating temperature
-40 to +85 °C
Absolute Maximum Ratings
Input Signal
32 Gbps Input & Output Eye Diagrams
Output Signal
Current
minimum
maximum
total
meas
eye amp
9.27 mV
9.25 mV
9.27 mV
36
Jitter p-p 10.733 ps
7.933 ps
10.733 ps
51
rise time
8.56 ps
8.24 ps
40.13 ps
51
fall time
10.11 ps
4.04 ps
10.27 ps
51
Current
minimum
maximum
total
meas
eye amp
219 mV
219 mV
220 mV
55
Jitter p-p
5.444 ps
4.822 ps
5.444 ps
55
rise time
11.93 ps
14.78 ps
15.40 ps
55
fall time
14.78 ps
14.78 ps
15.40 ps
55
time scale: 7 ps/div
amplitude scale: 2.8 mV/div
test Conditions:
VaC = 1.6V, Vcc = 3.3V
time scale: 7 ps/div
amplitude scale: 60 mV/div
test Conditions:
VaC = 1.6V, Vcc = 3.3V
eleCtrOstatiC sensitiVe DeViCe
OBserVe HanDling preCaUtiOns


Similar Part No. - HMC865LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C Datasheet
475Kb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC865LC3C HITTITE-HMC865LC3C_09 Datasheet
475Kb / 10P
   32 Gbps LIMITING AMPLIFIER
More results

Similar Description - HMC865LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC866LC3C HITTITE-HMC866LC3C_11 Datasheet
734Kb / 10P
   32 Gbps LIMITING AMPLIFIER
HMC866LC3C HITTITE-HMC866LC3C_09 Datasheet
444Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Analog Devices
HMC865LC3 AD-HMC865LC3 Datasheet
1Mb / 10P
   32 Gbps LIMITING AMPLIFIER
v01.0614
HMC866LC3 AD-HMC866LC3 Datasheet
1Mb / 12P
   32 Gbps LIMITING AMPLIFIER
v01.0614
logo
Hittite Microwave Corpo...
HMC865LC3C HITTITE-HMC865LC3C_09 Datasheet
475Kb / 10P
   32 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151P TI1-ONET1151P Datasheet
2Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
logo
Hittite Microwave Corpo...
HMC750LP4 HITTITE-HMC750LP4 Datasheet
395Kb / 10P
   12.5 Gbps LIMITING AMPLIFIER
logo
Texas Instruments
ONET1151PRGTT TI-ONET1151PRGTT Datasheet
1Mb / 25P
[Old version datasheet]   11.3 Gbps Limiting Amplifier
ONET1191P TI1-ONET1191P_16 Datasheet
835Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com