Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC874LC3C Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC874LC3C
Description  20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC874LC3C Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC874LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC874LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1 - 7
1
HMC874LC3C
v04.0810
20 Gbps CLOCKED COMPARATOR
with RSPECL OUTPUT STAGE
Evaluation PCB
Front Side
Back Side


Similar Part No. - HMC874LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC874LC3C HITTITE-HMC874LC3C Datasheet
294Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
logo
Analog Devices
HMC874LC3C AD-HMC874LC3C Datasheet
676Kb / 12P
   20 Gbps CLOCKED COMPARATOR
logo
Hittite Microwave Corpo...
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
More results

Similar Description - HMC874LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C Datasheet
294Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C_10 Datasheet
746Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C_10 Datasheet
748Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C Datasheet
293Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C_1 Datasheet
313Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
logo
Analog Devices
HMC875LC3C AD-HMC875LC3C Datasheet
596Kb / 10P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC876LC3C HITTITE-HMC876LC3C Datasheet
292Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C_1 Datasheet
314Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
logo
Analog Devices
HMC874LC3C AD-HMC874LC3C Datasheet
676Kb / 12P
   20 Gbps CLOCKED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com