Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC876LC3C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC876LC3C
Description  20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC876LC3C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC876LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC876LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
1 - 6
HMC876LC3C
v04.0810
20 Gbps Clocked COMPARATOR
with RSECL OUTPUT STAGE
Pin Number
Function
Description
Interface Schematic
1
VTP
Termination resistor return pin for INP Input.
2
INP
Non-Inverting analog input
3
INN
Inverting analog input
4
VTN
Termination resistor return pin for INN input
5, 16
Vcci
Positive supply voltage input stage.
6
CLK
Clock input pin, inverting side.
7
CLK
Clock input pin, non-inverting side.
8
CLKRTN
Clock RTN pin, connect to GND.
9, 12
Vcco
Positive supply voltage for the output stage.
10
Q
Inverting output. Q bar is at logic low if the analog voltage
at the non-inverting input, INP, is greater than the analog
voltage at the inverting input, INN, after a positive transition
on CLK and negative transition on CLK.
11
Q
Non-inverting output. Q is at logic high if the analog voltage
at the non-inverting input, INP, is greater than the analog
voltage at the inverting input, INN, after a positive transition
on CLK and negative transition on CLK.
14
HYS
Hysteresis Control pin. This pin should be left disconnected
to minimize hysteresis. Connect to Vee with a resistor to
add the desired amount of hysteresis.
13
Vee
Negative power supply, -3V.
15
RTN
Return for ESD protection, connect to GND.
Package Base
Do not DC GND. Thermal dissipation path only.
Pin Descriptions


Similar Part No. - HMC876LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC876LC3C HITTITE-HMC876LC3C Datasheet
292Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C Datasheet
313Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C_1 Datasheet
313Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
More results

Similar Description - HMC876LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC876LC3C HITTITE-HMC876LC3C_1 Datasheet
313Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC876LC3C HITTITE-HMC876LC3C Datasheet
292Kb / 8P
   20 Gbps Clocked COMPARATOR with RSECL OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_10 Datasheet
744Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C_10 Datasheet
746Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C Datasheet
293Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
HMC874LC3C HITTITE-HMC874LC3C_1 Datasheet
316Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
logo
Analog Devices
HMC875LC3C AD-HMC875LC3C Datasheet
596Kb / 10P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
logo
Hittite Microwave Corpo...
HMC874LC3C HITTITE-HMC874LC3C Datasheet
294Kb / 8P
   20 Gbps CLOCKED COMPARATOR with RSPECL OUTPUT STAGE
HMC875LC3C HITTITE-HMC875LC3C_1 Datasheet
314Kb / 8P
   20 Gbps Clocked COMPARATOR with RSCML OUTPUT STAGE
logo
Analog Devices
HMC874LC3C AD-HMC874LC3C Datasheet
676Kb / 12P
   20 Gbps CLOCKED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com