Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC902LP3E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC902LP3E
Description  GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC902LP3E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC902LP3E Datasheet HTML 1Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC902LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
GaAs pHEMT MMIC LOW NOISE
AMPLIFIER, 5 - 10 GHz
v01.0310
General Description
Features
Functional Diagram
low Noise figure: 1.8 dB
High Gain: 19 dB
High p1dB output power: 16 dBm
single supply: +3.5 V @ 80 mA
output ip3: +28 dBm
50 ohm matched input/output
16 lead 3x3mm smT package: 9mm²
Electrical Specifications
, T
A = +25° C, Vdd1 = Vdd2 = +3.5V, Idd = 80 mA
[2]
Typical Applications
This HmC902lp3e is ideal for:
• point-to-point radios
• point-to-multi-point radios
• military & space
• Test instrumentation
The HmC902lp3e is a GaAs mmiC low Noise
Amplifier housed in a leadless 3x3 mm plastic sur-
face mount package. The amplifier operates between
5 and 10 GHz, providing 19 dB of small signal
gain, 1.8 dB noise figure, and output ip3 of +28 dBm,
while requiring only 80 mA from a +3.5V supply. The
p1dB output power of +16 dBm enables the lNA to
function as a lo driver for balanced, i/Q or image
reject mixers. The HmC902lp3e also features
i/os that are DC blocked and internally matched to
50 ohms, making it ideal for high capacity microwave
radios and C-Band VsAT applications.
HMC902LP3E
parameter
min.
Typ.
max.
Units
frequency range
5 - 10
GHz
Gain [1]
17
19.5
dB
Gain Variation over Temperature
0.01
dB / °C
Noise figure [1]
1.8
2.2
dB
input return loss
12
dB
output return loss
15
dB
output power for 1 dB Compression [1]
16
dBm
saturated output power (psat) [1]
17.5
dBm
output Third order intercept (ip3)
28
dBm
supply Current (idd)
(Vdd = 3.5V, set Vgg2 = 0V, Vgg1 = 0V Typ.)
80
110
mA
[1] Board loss removed from gain, power and noise figure measurement.
[2] Vgg1 = Vgg2 = open for normal, self-biased operation.


Similar Part No. - HMC902LP3E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC902LP3E AD-HMC902LP3E Datasheet
410Kb / 13P
   Low Noise Amplifier
HMC902LP3ETR AD-HMC902LP3ETR Datasheet
410Kb / 13P
   Low Noise Amplifier
More results

Similar Description - HMC902LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC902 HITTITE-HMC902 Datasheet
441Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC462 AD-HMC462 Datasheet
443Kb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC518 AD-HMC518 Datasheet
625Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC566LP4E AD-HMC566LP4E Datasheet
412Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com