Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC905LP3E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC905LP3E
Description  6 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC905LP3E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC905LP3E Datasheet HTML 2Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 3Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 4Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 5Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 6Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 7Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 8Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 9Page - Hittite Microwave Corporation HMC905LP3E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
4 - 8
Pin Description (Continued)
HMC905LP3E
v00.0310
6 GHz LOW NOISE PROGRAMMABLE
DIVIDER (N = 1 to 4)
Pin number
Function
Description
interface schematic
10
ioutn
Divider negative output, open Drain.
typically 50 ohms connected to vcc.
11
ioutP
Divider Positive output, open Drain.
typically 50 ohms connected to vcc.
Application Note:
the HMc905LP3e is a high performance rF divider. such dividers are high gain devices with internal feedback. the
device will oscillate if used with Ac coupled rF inputs and if no rF input is applied. normally, if the rF input signal is
removed the device should be disabled, or it should be placed in divide by 1 mode. the device is stable in divide by
one mode with no rF input. the device will oscillate in divide 2, 3, or 4 modes with no rF input. in general, very small
rF input levels will stop all oscillations. At the minimum rated rF input sensitivity level or higher, no oscillations or spu-
rious signals exist and excellent low noise performance is achieved. For input frequency lower than 400 MHz, square
wave input signal is recommended. For applications where the input frequency is bigger than ~5.5 GHz, it is recom-
mended either to use differential drive, or to increase the divider core current (bias settings BiAs1BiAs0=01 or 10).
For single ended applications, apply the signal on the positive input rFinp and terminate the unused output with 50
ohms.


Similar Part No. - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Hittite Microwave Corpo...
HMC902 HITTITE-HMC902 Datasheet
441Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 5 - 10 GHz
logo
Analog Devices
HMC902 AD-HMC902 Datasheet
276Kb / 13P
   Low Noise Amplifier
HMC902-SX AD-HMC902-SX Datasheet
276Kb / 13P
   Low Noise Amplifier
More results

Similar Description - HMC905LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC794LP3E HITTITE-HMC794LP3E_10 Datasheet
818Kb / 10P
   2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC794LP3E HITTITE-HMC794LP3E Datasheet
514Kb / 10P
   2 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1 to 4)
HMC861LP3E HITTITE-HMC861LP3E Datasheet
989Kb / 8P
   13 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 3)
HMC862LP3E HITTITE-HMC862LP3E Datasheet
1Mb / 10P
   0.1 - 15 GHz LOW NOISE PROGRAMMABLE DIVIDER (N = 1, 2, 4, 8)
logo
Analog Devices
HMC862A AD-HMC862A Datasheet
478Kb / 15P
   0.1 GHz to 24 GHz, Low Noise, Programmable Divider
logo
Hittite Microwave Corpo...
HMC705LP4 HITTITE-HMC705LP4 Datasheet
1Mb / 12P
   6.5 GHz PROGRAMMABLE DIVIDER (N = 1 - 17)
logo
Guerrilla RF, Inc.
GRF2074W GUERRILLA-GRF2074W Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier 1 to 6 GHz
February 20, 2023
logo
Pasternack Enterprises,...
PE1519 PASTERNACK-PE1519 Datasheet
392Kb / 2P
   Low Noise Amplifier 1 ??4 GHz
logo
NXP Semiconductors
UXN40M7K NXP-UXN40M7K Datasheet
744Kb / 18P
   40 GHz Divide-by-1-to-127 Programmable Integer Divider
Revision 1.0
logo
Hittite Microwave Corpo...
HMC861LP3E HITTITE-HMC861LP3E_12 Datasheet
1Mb / 8P
   13 GHz LOW NOISE PROGRAMMABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com