Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC913 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC913
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC913 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC913 Datasheet HTML 1Page - Hittite Microwave Corporation HMC913 Datasheet HTML 2Page - Hittite Microwave Corporation HMC913 Datasheet HTML 3Page - Hittite Microwave Corporation HMC913 Datasheet HTML 4Page - Hittite Microwave Corporation HMC913 Datasheet HTML 5Page - Hittite Microwave Corporation HMC913 Datasheet HTML 6Page - Hittite Microwave Corporation HMC913 Datasheet HTML 7Page - Hittite Microwave Corporation HMC913 Datasheet HTML 8Page - Hittite Microwave Corporation HMC913 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
5 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC913
v01.0810
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFIER (SDLVA), 0.6 - 20 GHz
Outline Drawing
NOTES:
1. ALL DIMENSIONS IN INCHES [MILLIMETERS]
2. DIE THICKNESS IS 0.011 (0.279)
3. TYPICAL BOND PAD IS 0.0024 SQUARE
4. BOND PAD METALLIZATION: ALUMINUM
5. NO BACKSIDE METAL
6. NO CONNECTION REQUIRED FOR UNLABELED BOND PADS
7. OVERALL DIE SIZE IS ±.002
Die Packaging Information [1]
Standard
Alternate
WP-3 (Waffle Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
Absolute Maximum Ratings
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Vcc
+3.6V
ENBL
+3.6V
RF Input Power
+15 dBm
Channel Temperature
125 °C
Continuous Pdiss (T=85°C)
Derate 12.63 mW/°C above 85°C
0.51 W
Thermal Resistance R
th
(Junction to die bottom)
79.2 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
ESD Sensitivity (HBM)
Class 1A


Similar Part No. - HMC913

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC913 AD-HMC913 Datasheet
616Kb / 9P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
logo
Analog Devices
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
More results

Similar Description - HMC913

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC913LC4B HITTITE-HMC913LC4B Datasheet
425Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC913LC4B HITTITE-HMC913LC4B_10 Datasheet
950Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.6 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC613LC4B HITTITE-HMC613LC4B Datasheet
790Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.1 - 20 GHz
logo
Analog Devices
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC813 AD-HMC813 Datasheet
687Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC913LC4B AD-HMC913LC4B Datasheet
645Kb / 10P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
logo
Hittite Microwave Corpo...
HMC1013LP4E HITTITE-HMC1013LP4E Datasheet
878Kb / 8P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
logo
Analog Devices
HMC913 AD-HMC913 Datasheet
616Kb / 9P
   SUCCESSIVE DETECTION LOG VIDEO AMPLIFER (SDLVA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com