Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC936LP6E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC936LP6E
Description  GaAs MMIC 6-BIT DIGITAL Phase Shifter, 1.2 - 1.4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC936LP6E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC936LP6E Datasheet HTML 1Page - Hittite Microwave Corporation HMC936LP6E Datasheet HTML 2Page - Hittite Microwave Corporation HMC936LP6E Datasheet HTML 3Page - Hittite Microwave Corporation HMC936LP6E Datasheet HTML 4Page - Hittite Microwave Corporation HMC936LP6E Datasheet HTML 5Page - Hittite Microwave Corporation HMC936LP6E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
13
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13 - 1
HMC936LP6E
GaAs MMIC 6-BIT DIGITAL
PhAse shIfTer, 1.2 - 1.4 Ghz
v01.0611
General Description
features
functional Diagram
the hMC936LP6e is a 6-bit digital phase shifter
which is rated from 1.2 to 1.4 Ghz, providing 360
degrees of phase coverage, with a LsB of 5.625
degrees. the hMC936LP6e features very low
rMs phase error of 1.2 degrees and extremely low
inser-tion loss variation of ±0.5 dB across all phase
states. this high accuracy phase shifter is controlled
with positive control logic of 0/+5V and requires no
negative supply voltage. the hMC936LP6e is housed
in a compact 6x6 mm plastic leadless sMt package
and is internally matched to 50 Ohms with no external
components.
Low rMs Phase error: 1.2°
Low insertion Loss: 5 dB
high Linearity: +45 dBm
Positive Control Logic
360° Coverage, LsB = 5.625°
28 Lead 6x6mm sMt Package: 36mm²
Typical Applications
the hMC936LP6e is ideal for:
• EW Receivers
• Weather & Military Radar
• Satellite Communications
• Beamforming Modules
• Phase Cancellation
Parameter
Min.
typ.
Max.
Units
frequency range
1.2
1.4
Ghz
insertion Loss
5
7
dB
input return Loss
16
dB
Output return Loss
17
dB
Phase error
±5
± 10
deg
rMs Phase error
1.2
deg
insertion Loss Variation
±0.5
dB
input Power for 1 dB Compression
29
dBm
input third Order intercept
45
dBm
Control Voltage Current
35
100
µa
Bias Control Current
3
8
ma
switching time (50% Vctl to 90% rf amplitude)
250
ns
electrical specifications
T
A = +25° C, Vdd= +5V, Control Voltage = 0/ +5V, 50 Ohm system


Similar Part No. - HMC936LP6E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC936ALP6E AD-HMC936ALP6E Datasheet
483Kb / 6P
   GaAs MMIC 6 BIT DIGITAL PHASE SHIFTERS, 1.2 - 1.4 GHz
More results

Similar Description - HMC936LP6E

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011007 MA-COM-MAPS-011007 Datasheet
657Kb / 7P
   Digital Phase Shifter 6-Bit, 1.2 - 1.4 GHz
logo
Analog Devices
HMC936ALP6E AD-HMC936ALP6E Datasheet
483Kb / 6P
   GaAs MMIC 6 BIT DIGITAL PHASE SHIFTERS, 1.2 - 1.4 GHz
logo
Hittite Microwave Corpo...
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
M/A-COM Technology Solu...
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter 6-Bit, 1.4 - 2.4 GHz
logo
Hittite Microwave Corpo...
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com