Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC950 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC950
Description  GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC950 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC950 Datasheet HTML 2Page - Hittite Microwave Corporation HMC950 Datasheet HTML 3Page - Hittite Microwave Corporation HMC950 Datasheet HTML 4Page - Hittite Microwave Corporation HMC950 Datasheet HTML 5Page - Hittite Microwave Corporation HMC950 Datasheet HTML 6Page - Hittite Microwave Corporation HMC950 Datasheet HTML 7Page - Hittite Microwave Corporation HMC950 Datasheet HTML 8Page - Hittite Microwave Corporation HMC950 Datasheet HTML 9Page - Hittite Microwave Corporation HMC950 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
3
3 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC950
v03.0611
GaAs pHEMT MMIC 4 WATT
POWER AMPLIFIER, 12 - 16 GHz
Outline Drawing
noTes:
1. All Dimensions Are in inChes [mm]
2. Die ThiCKness is .004”
3. TYpiCAl BonD pAD is .004” sQUAre
4. BACKsiDe meTAlliZATion: GolD
5. BonD pAD meTAlliZATion: GolD
6. BACKsiDe meTAl is GroUnD.
7. ConneCTion noT reQUireD for UnlABeleD BonD pADs.
8. oVerAll Die siZe ± .002
Die Packaging Information [1]
standard
Alternate
Gp-1 (Gel pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.


Similar Part No. - HMC950

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
More results

Similar Description - HMC950

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC950 HITTITE-HMC950 Datasheet
981Kb / 10P
   GaAs pHEMT MMIC 4 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC949 HITTITE-HMC949 Datasheet
982Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC949 HITTITE-HMC949_11 Datasheet
980Kb / 10P
   GaAs pHEMT MMIC 2 WATT POWER AMPLIFIER WITH POWER DETECTOR, 12 - 16 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC756 HITTITE-HMC756_10 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC995LP5GE HITTITE-HMC995LP5GE Datasheet
905Kb / 10P
   GaAs pHEMT MMIC 3 WATT POWER AMPLIFIER SMT WITH POWER DETECTOR, 12 - 16 GHz
HMC757 HITTITE-HMC757 Datasheet
276Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC757 HITTITE-HMC757_10 Datasheet
640Kb / 8P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC863LP4E HITTITE-HMC863LP4E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC WATT POWER AMPLIFIER, 22 - 26.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com