Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZV55B4V7 Datasheet(PDF) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZV55B4V7
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZV55B4V7 Datasheet(HTML) 1 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZV55B4V7 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV55B4V7 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Number: DB-058
Jan.2011 / G
Page 1
S EM IC OND UC TOR
TAK CHEONG
®
500 mW LL-34 Hermetically
Sealed Glass Zener Voltage
Regulators
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Parameter
Value
Units
Power Dissipation
500
mW
Storage Temperature Range
-65 to +175
°C
Operating Junction Temperature
+175
°C
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.0 to 75 Volts
LL-34 (Mini-MELF) Package
Surface Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable
RoHS Compliant
Matte Tin (Sn) Terminal Finish
Color band Indicates Negative Polarity
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
VZ
Min
VZ
Max
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCBZV55C 2V0
1.88
2.11
5
100
1
600
50
1
TCBZV55C 2V2
2.08
2.33
5
100
1
600
50
1
TCBZV55C 2V4
2.28
2.56
5
85
1
600
50
1
TCBZV55C 2V7
2.51
2.89
5
85
1
600
10
1
TCBZV55C 3V0
2.8
3.2
5
85
1
600
4
1
TCBZV55C 3V3
3.1
3.5
5
85
1
600
2
1
TCBZV55C 3V6
3.4
3.8
5
85
1
600
2
1
TCBZV55C 3V9
3.7
4.1
5
85
1
600
2
1
TCBZV55C 4V3
4
4.6
5
75
1
600
1
1
TCBZV55C 4V7
4.4
5
5
60
1
600
0.5
1
TCBZV55C 5V1
4.8
5.4
5
35
1
550
0.1
1
TCBZV55C 5V6
5.2
6
5
25
1
450
0.1
1
TCBZV55C 6V2
5.8
6.6
5
10
1
200
0.1
2
TCBZV55C 6V8
6.4
7.2
5
8
1
150
0.1
3
TCBZV55C 7V5
7
7.9
5
7
1
50
0.1
5
TCBZV55C 8V2
7.7
8.7
5
7
1
50
0.1
6.2
TCBZV55C 9V1
8.5
9.6
5
10
1
50
0.1
6.8
TCBZV55C 10
9.4
10.6
5
15
1
70
0.1
7.5
TCBZV55C 11
10.4
11.6
5
20
1
70
0.1
8.2
TCBZV55C 12
11.4
12.7
5
20
1
90
0.1
9.1
Cathode
Anode
ELECTRICAL SYMBOL
DEVICE MARKING DIAGRAM
Cathode Band Color : Blue
SURFACE MOUNT
LL34


Similar Part No. - TCBZV55B4V7

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZV55B4V7 TAK_CHEONG-TCBZV55B4V7 Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZV55B4V7

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCBZV79C2V0 TAK_CHEONG-TCBZV79C2V0_11 Datasheet
466Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com