Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC983LP5E Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC983LP5E
Description  DC - 7 GHZ FRACTIONAL-N DIVIDER AND FREQUENCY SWEEPER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC983LP5E Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC983LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC983LP5E Datasheet HTML 14Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6 - 10
6
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
HMC983LP5E
v00.0911
DC - 7 GHZ FRACTIONAL-N DIVIDER
AND FREQUENCY SWEEPER
Evaluation PCB
Item
Contents
Part Number
Evaluation Kit
HMC983LP5E and HMC984LP4E PLL Chipset Evaluation PCB
USB Interface Board
6’ USB A Male to USB B Female Cable
CD ROM (Contains User Manual, Evaluation PCB Schematic, Evaluation Software)
EKIT01-HMC983LP5E
Table 4. Evaluation Order Information
The circuit board used in the application should use RF circuit design techniques. Signal lines should have 50 Ohms
impedance while the package ground leads and exposed paddle should be connected directly to the ground plane
similar to that shown unless mentioned otherwise. A sufficient number of via holes should be used to connect the top
and bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.


Similar Part No. - HMC983LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC983LP5E HITTITE-HMC983LP5E_12 Datasheet
2Mb / 32P
   DC - 7 GHz FRACTIONAL-N DIVIDER
More results

Similar Description - HMC983LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC983LP5E HITTITE-HMC983LP5E_12 Datasheet
2Mb / 32P
   DC - 7 GHz FRACTIONAL-N DIVIDER
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
logo
National Semiconductor ...
LMX2353 NSC-LMX2353 Datasheet
210Kb / 16P
   PLLatinum??Fractional N Single 2.5 GHz Frequency Synthesizer
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com