Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC993LP5E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC993LP5E
Description  RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC993LP5E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC993LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC993LP5E Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
8
8 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC993LP5E
v00.0911
RF AUTOMATIC GAIN CONTROLLER
(RF-AGC), 700 - 3000 MHz
Gain vs. VCTRL [1]
Gain vs. VCTRL [2]
Gain vs. Frequency [1]
Gain vs. Frequency [2]
Input Return Loss vs. VCTRL [1]
Input Return Loss vs. VCTRL [2]
1900MHz TUNE
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
-20
-10
0
10
20
30
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
-40
-30
-20
-10
0
10
20
30
40
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
VCTRL=0V
VCTRL=1V
VCTRL=1.5V
VCTRL=2V
VCTRL=2.5V
VCTRL=3V
VCTRL=3.5V
VCTRL=4V
VCTRL=5V
FREQUENCY (GHz)
-50
-40
-30
-20
-10
0
10
20
30
1.4
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
2.4
VCTRL=0V
VCTRL=1V
VCTRL=1.5V
VCTRL=2V
VCTRL=2.5V
VCTRL=3V
VCTRL=3.5V
VCTRL=4V
VCTRL=5V
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
-30
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-40C
+25C
+85C
VCTRL (V)
[1] ATTN1 + AMP1 + AMP2
[2] ATTN1 + ATTN2 + AMP1 + AMP2


Similar Part No. - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
More results

Similar Description - HMC993LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E_12 Datasheet
4Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF2012090Y3T WALSIN-RFLPF2012090Y3T Datasheet
555Kb / 7P
   500 ~ 700 MHz Band RF Applications
logo
Peregrine Semiconductor
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
   SPDT RF Switch, 700 MHz?? GHz
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340 AD-AD8340_15 Datasheet
426Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. C
logo
Peregrine Semiconductor
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
   UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42440MLBB-Z PSEMI-PE42440MLBB-Z Datasheet
612Kb / 8P
   SP4T UltraCMOS짰 RF Switch 50 ??3000 MHz
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
   SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE42440 PEREGRINE-PE42440 Datasheet
293Kb / 8P
   SP4T UltraCMOS??RF Switch 50 ??3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com