Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBZV79B8V2 Datasheet(PDF) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

Part # TCBZV79B8V2
Description  500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAK_CHEONG [Tak Cheong Electronics (Holdings) Co.,Ltd]
Direct Link  http://www.takcheong.com/en/index.asp
Logo TAK_CHEONG - Tak Cheong Electronics (Holdings) Co.,Ltd

TCBZV79B8V2 Datasheet(HTML) 3 Page - Tak Cheong Electronics (Holdings) Co.,Ltd

  TCBZV79B8V2 Datasheet HTML 1Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B8V2 Datasheet HTML 2Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B8V2 Datasheet HTML 3Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B8V2 Datasheet HTML 4Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B8V2 Datasheet HTML 5Page - Tak Cheong Electronics (Holdings) Co.,Ltd TCBZV79B8V2 Datasheet HTML 6Page - Tak Cheong Electronics (Holdings) Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Number: DB-057
Jan.2011 / F
Page 3
S EM IC OND UC TOR
TAK CHEONG
®
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
()
Max
IZK
(mA)
ZZK @ IZK
()
Max
IR @ VR
(A)
Max
VR
(Volts)
TCBZV79B 39
38.22
39.78
2
130
0.5
350
0.05
27.3
TCBZV79B 43
42.14
43.86
2
150
0.5
375
0.05
30.1
TCBZV79B 47
46.06
47.94
2
170
0.5
375
0.05
32.9
TCBZV79B 51
49.98
52.02
2
180
0.5
400
0.05
35.7
TCBZX79B 56
54.88
57.12
2
200
0.5
425
0.05
39.2
TCBZX79B 62
60.76
63.24
2.5
215
0.5
430
0.05
43.4
TCBZX79B 68
66.64
69.36
2.5
240
0.5
447
0.05
47.6
TCBZX79B 75
73.50
76.50
2.5
255
0.5
470
0.05
52.5
VF Forward Voltage = 1.5 V Maximum @ IF = 100 mA for all types
Notes:
1.
The type numbers listed have zener voltage min/max limits as shown.
2.
For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter
voltage tolerances, contact your nearest Tak Cheong Electronics representative.
3.
The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to
10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.


Similar Part No. - TCBZV79B8V2

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCBZV79B8V2 TAK_CHEONG-TCBZV79B8V2 Datasheet
169Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - TCBZV79B8V2

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0 Datasheet
181Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LLZ2V4 YEASHIN-LLZ2V4 Datasheet
814Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B YEASHIN-LLZ5221B Datasheet
451Kb / 2P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCZM2V4B TAK_CHEONG-TCZM2V4B Datasheet
187Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZ2V2 YEASHIN-LZ2V2 Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZ2V2 TAK_CHEONG-TCLZ2V2_11 Datasheet
178Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ2V0 TAK_CHEONG-TCLLZ2V0 Datasheet
179Kb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
List of Unclassifed Man...
TCLLZ2V0 ETC1-TCLLZ2V0 Datasheet
980Kb / 10P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
LZJ2V0 YEASHIN-LZJ2V0 Datasheet
1Mb / 5P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZM2V4B YEASHIN-ZM2V4B Datasheet
801Kb / 4P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com