Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1021LP4E Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC1021LP4E
Description  RMS POWER DETECTOR & ENVELOPE TRACKER, DC - 3.9 GHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1021LP4E Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC1021LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 10Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 11Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 12Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 13Page - Hittite Microwave Corporation HMC1021LP4E Datasheet HTML 14Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
11
11 - 10
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC1021LP4E
v02.0511
RMS POWER DETECTOR &
ENVELOPE TRACKER, DC - 3.9 GHz
Outline Drawing
Notes:
1. LeADFrAMe MAterIAL: coPPer ALLoY
2. DIMeNsIoNs Are IN INcHes [MILLIMeters].
3. LeAD sPAcING toLerANce Is NoN-cUMULAtIVe
4. PAD BUrr LeNGtH sHALL Be 0.15mm MAXIMUM.
PAD BUrr HeIGHt sHALL Be 0.05mm MAXIMUM.
5. PAcKAGe wArP sHALL Not eXceeD 0.05mm.
6. ALL GroUND LeADs AND GroUND PADDLe MUst
Be soLDereD to PcB rF GroUND.
7. reFer to HMc APPLIcAtIoN Note For sUGGesteD PcB LAND PAtterN.
Package Information
Absolute Maximum Ratings
Power Supply Voltage (Vcc)
5.6V
rF Input Power
10 dBm
Input Voltage
Vcc + 0.6V
Junction temperature
125 °c
Continuous Pdiss (T = 85°C)
(Derate 32.45 mW/°c above 85°C)
1.39 w
Thermal Resistance (R
th)
(junction to ground paddle)
28.68 °C/W
storage temperature
-65 to +150 °c
operating temperature
-40 to +85 °c
ESD Sensitivity (HBM)
class 1B
eLectrostAtIc seNsItIVe DeVIce
oBserVe HANDLING PrecAUtIoNs
Part Number
Package Body Material
Lead Finish
MsL rating
Package Marking [1]
HMc1021LP4e
roHs-compliant Low stress Injection Molded Plastic
100% matte sn
MsL1
[2]
H1021
XXXX
[1] 4-Digit lot number XXXX
[2] Max peak reflow temperature of 260 °C


Similar Part No. - HMC1021LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
More results

Similar Description - HMC1021LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
logo
Hittite Microwave Corpo...
HMC1010LP4E HITTITE-HMC1010LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR DC - 3.9 GHz
HMC1030LP5E HITTITE-HMC1030LP5E Datasheet
4Mb / 38P
   DUAL RMS POWER DETECTOR DC - 3.9 GHz
HMC610LP4 HITTITE-HMC610LP4 Datasheet
1Mb / 12P
   70 dB RMS POWER DETECTOR, DC - 3.9 GHz
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
   RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
HMC714LP5 HITTITE-HMC714LP5 Datasheet
1Mb / 40P
   DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
logo
Analog Devices
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
   Envelope and TruPwr RMS Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com