Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ABH209 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC-ABH209
Description  GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ABH209 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC-ABH209 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-ABH209 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-ABH209 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-ABH209 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ABH209 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ABH209 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3
3 - 145
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and matched to
50 Ohms.
2RFOUT
This pad is AC coupled and matched to
50 Ohms.
3Vdd
Power Supply Voltage for the amplifier. See assembly for
required external components.
4Vgg
Gate control for amplifier. Please follow “MMIC Amplifier
Biasing Procedure” application note. See assembly for
required external components.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
Pad Descriptions
HMC-ABH209
v02.0209
GaAs HEMT MMIC MEDIUM POWER
AMPLIFIER, 55 - 65 GHz


Similar Part No. - HMC-ABH209

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
185Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC-ABH209 AD-HMC-ABH209 Datasheet
245Kb / 6P
   GAAS HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH209 AD-HMC-ABH209 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC-ABH209

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ABH209 HITTITE-HMC-ABH209 Datasheet
185Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 55 - 65 GHz
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH241 AD-HMC-ABH241 Datasheet
295Kb / 6P
   Gaas HEMT MMIC MEDIUM POWER amplifier
HMC-APH196 AD-HMC-APH196 Datasheet
225Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH634 AD-HMC-APH634 Datasheet
247Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH317 AD-HMC-AUH317 Datasheet
356Kb / 6P
   GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com